Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC660AIM/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LPC660AIM/NOPB
Description  LPC660 Low Power CMOS Quad Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPC660AIM/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LPC660AIM/NOPB Datasheet HTML 5Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 6Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 7Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 8Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 9Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 10Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 11Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 12Page - Texas Instruments LPC660AIM/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LPC660
www.ti.com
SNOS554D – MAY 1998 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VS = ±7.5V, TA = 25°C unless otherwise specified
Non-Inverting Small Signal Pulse Response
(AV = +1)
Inverting Large-Signal Pulse Response
Figure 20.
Figure 21.
Inverting Small-Signal Pulse Response
Stability vs. Capacitive Load
Note: Avoid resistive loads of less than 500
Ω, as they may cause
instability.
Figure 22.
Figure 23.
Stability vs. Capacitive Load
Figure 24.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LPC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com