Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC661IM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LPC661IM/NOPB
Description  LPC661 Low Power CMOS Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPC661IM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LPC661IM/NOPB Datasheet HTML 9Page - Texas Instruments LPC661IM/NOPB Datasheet HTML 10Page - Texas Instruments LPC661IM/NOPB Datasheet HTML 11Page - Texas Instruments LPC661IM/NOPB Datasheet HTML 12Page - Texas Instruments LPC661IM/NOPB Datasheet HTML 13Page - Texas Instruments LPC661IM/NOPB Datasheet HTML 14Page - Texas Instruments LPC661IM/NOPB Datasheet HTML 15Page - Texas Instruments LPC661IM/NOPB Datasheet HTML 16Page - Texas Instruments LPC661IM/NOPB Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Typical Single-Supply Applications (V+ = 5.0 V
DC) (Continued)
Connection Diagram
Ordering Information
Package
Temperature Range
NSC
Drawing
Transport
Media
Military
Industrial
−55˚C to +125˚C
−40˚C to +85˚C
8-Pin
LPC661AIM
M08A
Tape and Reel
Small Outline
LPC661IM
Rail
8-Pin
LPC661AMN
LPC661AIN
N08E
Rail
Molded DIP
LPC661IN
10 Hz Bandpass Filter
DS011227-21
fO =10 Hz
Q = 2.1
Gain = 18.9 dB
10 Hz High-Pass Filter (2 dB Dip)
DS011227-22
fc =10 Hz
d = 0.895
Gain = 1
1 Hz Low-Pass Filter
(Maximally Flat, Dual Supply Only)
DS011227-23
8-Pin DIP/SO
DS011227-1
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com