Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8340CLD-2.5 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8340CLD-2.5
Description  Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8340CLD-2.5 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP8340CLD-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP8340
Low Dropout, Low I
Q, 1.0A CMOS Linear Regulator
General Description
The LP8340 low-dropout CMOS linear regulator is available
in 5V, 3.3V, 2.5V, 1.8V and adjustable output versions. Pack-
aged in the 6ld LLP package and 3ld DPAK. The LP8340 can
deliver up to 1.0A output current.
Typical dropout voltage is 420mV at 1.0A for the 5.0V ver-
sion, 540mV at 1.0A for the 3.3V version, 670mV at 1.0A for
the 2.5V version and 680mV at 800mA for the 1.8V version.
The LP8340 includes a zener trimmed bandgap voltage
reference, foldback current limiting and thermal overload
limiting.
The LP8340 features a PMOS output transistor which unlike
PNP type low dropout regulators requires no base drive
current. This allows the device ground current to remain less
than 50µA over operating temperature, supply voltage and
irrespective of the load current.
Features
n ±
1.5% Typical V
OUT tolerance
n
420mV Typical Dropout @ 1.0A (V
O = 5V)
n
Wide Operating Range
2.7V to 10V
n
Internal 1.0A PMOS Output Transistor
n
19µA Typical Quiescent Current
n
Thermal Overload Limiting
n
Foldback Current Limiting
n
Zener Trimmed Bandgap Reference
n
Space saving LLP package
n
Temperature Range
— LP8340C
0˚C to 125˚C
— LP8340I
−40˚C to 125˚C
Applications
n
Hard Disk Drives
n
Notebook Computers
n
Battery Powered Electronics
n
Portable Instrumentation
Typical Applications
Fixed V
OUT
20060901
Adjustable V
OUT
20060902
October 2003
© 2003 National Semiconductor Corporation
DS200609
www.national.com


Similar Part No. - LP8340CLD-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
LP8340 TI2-LP8340 Datasheet
873Kb / 17P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
REVISED APRIL 2013
LP8340ILDX-ADJ TI1-LP8340ILDX-ADJ Datasheet
1Mb / 18P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
LP8340ILDX-ADJ/NO.A TI2-LP8340ILDX-ADJ/NO.A Datasheet
873Kb / 17P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
REVISED APRIL 2013
LP8340ILDX-ADJ/NOPB TI1-LP8340ILDX-ADJ/NOPB Datasheet
1Mb / 18P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
More results

Similar Description - LP8340CLD-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
1.0A LOW DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
logo
Texas Instruments
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
1.0A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com