Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC932 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 47Page - NXP Semiconductors P89LPC932 Datasheet HTML 48Page - NXP Semiconductors P89LPC932 Datasheet HTML 49Page - NXP Semiconductors P89LPC932 Datasheet HTML 50Page - NXP Semiconductors P89LPC932 Datasheet HTML 51Page - NXP Semiconductors P89LPC932 Datasheet HTML 52Page - NXP Semiconductors P89LPC932 Datasheet HTML 53Page - NXP Semiconductors P89LPC932 Datasheet HTML 54Page - NXP Semiconductors P89LPC932 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
51 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 26. SPI slave timing (CPHA = ‘1’)
tCLCL
tSPICLKH
tSPICLKL
tSPILEAD
tSPICLKH
tSPICLKL
tSPILAG
tSPIDSU
tSPIDH
tSPIDH
tSPIDSU
tSPIR
tSPIA
tSPIOH
tSPIDIS
tSPIR
Slave MSB/LSB out
Not defined
MSB/LSB in
LSB/MSB in
Slave LSB/MSB out
tSPIDV
tSPIOH
tSPIDV
tSPIOH
tSPIDV
tSPIR
tSPIF
tSPIR
tSPIF
SS
SPICLK
(CPOL = 0)
(input)
002aaa159
SPICLK
(CPOL = 1)
(input)
MISO
(output)
MOSI
(input)
tSPIDSU
Table 10:
AC characteristics, ISP entry mode
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb =0 °Cto+70 °C for commercial, −40 °Cto+85 °C for industrial, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVR
RST delay from VDD active
50
-
-
µs
tRH
RST HIGH time
1
-
32
µs
tRL
RST LOW time
1
-
-
µs
Fig 27. ISP entry waveform.
002aaa426
VDD
RST
tRL
tVR
tRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com