| Electronic Components Datasheet Search |
|
TLV5510IPWR Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV5510IPWR Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 20 page ![]() TLV5510 2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER SLAS124C– DECEMBER 1997 – REVISED DECEMBER 1999 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION functional description The TLV5510 is a semiflash ADC featuring two lower comparator blocks of four bits each. As shown in Figure 19, input voltage VI(1) is sampled with the falling edge of CLK1 to the upper comparators block and the lower comparators block(A), S(1). The upper comparators block finalizes the upper data UD(1) with the rising edge of CLK2, and simultaneously, the lower reference voltage generates the voltage RV(1) corresponding to the upper data. The lower comparators block (A) finalizes the lower data LD(1) with the rising edge of CLK3. UD(1) and LD(1) are combined and output as OUT(1) with the rising edge of CLK4. According to the above internal operation described, output data is delayed 2.5 clocks from the analog input voltage sampling point. Input voltage VI(2) is sampled with the falling edge of CLK2. UD(2) is finalized with the rising edge of CLK3, and LD(2) is finalized with the rising edge of CLK4 at the lower comparators block(B). OUT(2) is output with the rising edge of CLK5. VI(1) VI(2) VI(3) VI(4) CLK1 CLK2 CLK3 CLK4 S(1) C(1) S(2) C(2) S(3) C(3) S(4) C(4) S(1) H(1) C(1) S(3) H(3) C(3) H(0) C(0) S(2) H(2) C(2) S(4) H(4) LD(– 2) OUT(– 2) OUT(–1) OUT(0) OUT(1) ANALOG IN (Sampling Points) CLK (Clock) Upper Comparators Block Upper Data Lower Reference Voltage Lower Comparators Block (A) Lower Data (A) Lower Comparators Block (B) Lower Data (B) D1 – D8 (Data Output) UD(0) RV(0) UD(1) RV(1) UD(2) RV(2) UD(3) RV(3) LD(– 1) LD(0) LD(1) LD(2) Figure 19. Internal Functional Timing Diagram |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |