Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA6500TT Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA6500TT
Description  5 V mixer/oscillator and synthesizer for PAL and NTSC standards
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6500TT Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA6500TT Datasheet HTML 17Page - NXP Semiconductors TDA6500TT Datasheet HTML 18Page - NXP Semiconductors TDA6500TT Datasheet HTML 19Page - NXP Semiconductors TDA6500TT Datasheet HTML 20Page - NXP Semiconductors TDA6500TT Datasheet HTML 21Page - NXP Semiconductors TDA6500TT Datasheet HTML 22Page - NXP Semiconductors TDA6500TT Datasheet HTML 23Page - NXP Semiconductors TDA6500TT Datasheet HTML 24Page - NXP Semiconductors TDA6500TT Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
2003 Jun 05
21
Philips Semiconductors
Product specification
5 V mixer/oscillator and synthesizer
for PAL and NTSC standards
TDA6500TT; TDA6501TT
handbook, full pagewidth
FCE214
LBIN
IFOUT
D.U.T.
NOISE
SOURCE
NOISE
FIGURE
METER
BNC
RIM
INPUT
CIRCUIT
C
L
Fig.9 Noise figure (NF) measurement in low band.
NF = NFmeas − loss of input circuit.
PAL:
IF = 38.9 MHz.
L = 680 nH.
C = 25.9 pF.
handbook, full pagewidth
50
Ω
50
Ω
50
Ω
38.9 MHz (PAL & OFDM)
V
LBIN
IFOUT
A
B
C
D
HYBRID
18 dB
attenuator
Vmeas
RMS
voltmeter
unwanted
signal
source
wanted
signal
source
AM = 30%
2 kHz
Vo
FILTER
D.U.T.
C
L
50
Ω
modulation
analyzer
eu
ew
FCE827
Fig.10 Cross modulation measurement in low band.
PAL:
IF = 38.9 MHz.
L = 680 nH.
C = 25.9 pF.
attenuation = 10.2 dB.
Vo =Vmeas ×
=Vmeas + attenuation.
Wanted output signal at fRFpix; Vo = 100 dBµV.
Unwanted output signal at fRFpix + 5.5 MHz.
The level of unwanted signal is measured by causing 0.09%
AM modulation in the wanted signal.
50
50
2
L
2 ω2
+
---------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com