| Electronic Components Datasheet Search |
|
ABBTM-NVC-MDCS42A Datasheet(PDF) 13 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ABBTM-NVC-MDCS42A Datasheet(HTML) 13 Page - Abracon Corporation |
|
13 / 17 page ![]() Bluetooth Module ABRACON IS ISO 9001 / QS 9000 CERTIFIED ABRACON IS ISO 9001:2008 CERTIFIED 30332Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001| www.abracon.com Revised: 08.08.13 Visit www.abracon.com for Terms & Conditions of Sale ||||| | | | | | | | | | | 25.8 x 13.4 x 2.2 mm SMT ABBTM-NVC-MDCS42A Pb RoHS/RoHS II compliant USB This is a full speed (12M bits/s) USB interface for communicating with other compatible digital devices. The module acts as a USB peripheral, responding to request from a master host controller, such as a PC. The USB interface is capable of driving a USB cable directly. No external USB transceiver is required. The device operates as a USB peripheral, responding to requests from a master host controller such as a PC. Both the OHCI and the UHCI standards are supported. The set of USB endpoints implemented can behave as specified in the USB section of the Bluetooth specification v2.0+EDR or alternatively can appear as a set of endpoints appropriate to USB audio devices such as speakers. The module has an internal USB pull-up resistor. This pulls the USB_DP pin weakly high when module is ready to enumerate. It signals to the USB master that it is a full speed (12Mbit/s) USB device. Identifier Value Function Rs 27Ω Nominal Impedance matching to USB cable Note: USB_ON is only used when the firmware need an input to detect if USB is connected and the USB function shall be enabled. In such case it is shared with the module PIO terminals. If detection is not needed (firmware already runs with USB, such as USB DFU or USB CDC), USB_ON is not needed. Figure 14. USB Connections RoHS ABBTM- NVC-MDCS42A FCC ID: OC3BM1842 DC: 1326 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |