Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AHT-FREQUENCYDCSAG2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AHT-FREQUENCYDCSAG2
Description  TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AHT-FREQUENCYDCSAG2 Datasheet(HTML) 1 Page - Abracon Corporation

  AHT-FREQUENCYDCSAG2 Datasheet HTML 1Page - Abracon Corporation AHT-FREQUENCYDCSAG2 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
| | | | | | | | | | | | | | |
APPLICATIONS:
FEATURES:
13.2 x 13.2 x 5.5mm
Pb RoHS
Compliant
30332Esperanza, Rancho Santa Margarita, California
92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
STANDARD SPECIFICATIONS:
• Hermetically sealed metal package
• TTL output
• Case ground for EMI protection
• Tri-state Enable/Disable options
• Provide clock signals for microprocessors and digital circuits
• TTL output for low EMI applications
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
Revised: 10.23.10
Visit
www.abracon.com for Terms & Conditions of Sale
AHT Series
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
* Overall frequency stability includes initial tolerance, temperature stability, and aging.
Table 1
Rise/Fall time
s
n
A
m
z
H
M
100.000kHz ≤
4
0
8
z
H
M
0
0
0
.
0
6
1
<
F
400.000kHz ≤
0
1
0
2
z
H
M
9
9
9
.
4
2
<
F
25.000Hz ≤
5
0
4
z
H
M
0
0
0
.
0
0
1
<
F
g
n
i
W
ll
u
G
G
d
d
V
2
/
1
@
%
5
5
/
5
4
S
C
°
0
5
+
o
t
C
°
0
I
g
n
i
W
ll
u
G
2
G
C
°
0
6
+
o
t
C
°
0
1
-
D
T
H
G
C
°
0
7
+
o
t
C
°
0
2
-
E
Gull Wing Reflow
)
3
4
.
1
1
(
5
4
.
0
5
4
Q
C
°
0
7
+
o
t
C
°
0
3
-
F
)
6
1
.
0
1
(
0
4
.
0
0
4
Q
C
°
5
8
+
o
t
C
°
0
3
-
N
)
9
8
.
8
(
5
2
.
0
5
3
Q
C
°
5
8
+
o
t
C
°
0
4
-
L
Q30
0.30(7.62)
Q25
0.25(6.35)
Q20
0.20(5.08)
)
1
8
.
3
(
5
1
.
0
5
1
Q
.
x
a
m
m
p
p
0
2
±
*
J
)
4
5
.
2
(
0
1
.
0
0
1
Q
.
x
a
m
m
p
p
5
2
±
R
K
±30 ppm max.
H
±35 ppm max.
C
±50 ppm max.
*Temp option I, D, and E only
AHT - Frequency -
-
- -
-
Freq. Stability
Symmetry Options
Value Added Option
Temperature Options
Tristate Function
A
Tristate Enable Funct
Overall frequency stability*:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ABRACON P/N
AHT Series
Frequency:
400kHz to 160MHz
Operating temperature:
0°C to +70°C (see options)
Storage temperature:
- 55°C to + 125°C
± 100ppm max. (see options)
Supply voltage (Vdd):
5.0Vdc ± 10%
Input current:
See Table 1
Symmetry:
40/60% max. (see option)
Rise and Fall Times (Tr/Tf):
See Table 1
Output load:
10 TTL max.
Output Voltage:
VOH = 0.9 * Vdd min.
VOL = 0.1* Vdd max.
Tri State Function:
"1" (VIH >= 2.4 Vdc) or open: Oscillation
"0" (VIL < 0.4V): Hi Z
Output Disable/ Enable time:
100 ns max. (for Option "-A" ONLY)
Start-up-time:
10 to 35 ms max
PARAMETERS


Similar Part No. - AHT-FREQUENCYDCSAG2

ManufacturerPart #DatasheetDescription
logo
ASAIR All Rights Reserv...
AHT10 ASAIR-AHT10 Datasheet
683Kb / 13P
AHT10 Technical Manual
2019/05 V1.1
AHT20 ASAIR-AHT20 Datasheet
1Mb / 16P
Humidity and Temperature Sensor
Version:V1.0 - May 2021
logo
List of Unclassifed Man...
AHT25 ETC-AHT25 Datasheet
955Kb / 14P
Humidity and Temperature Module
Version:V1.0 May 2021
AHT30 ETC-AHT30 Datasheet
1Mb / 13P
Temperature and humidity sensor
September 2023
logo
Allied Components Inter...
AHTA-1201I ALLIED-AHTA-1201I Datasheet
283Kb / 1P
10/100 Base T Single Port Transformer
More results

Similar Description - AHT-FREQUENCYDCSAG2

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-51 EPSON-SG-51 Datasheet
78Kb / 2P
FULL & HALF-SIZE DIP HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Abracon Corporation
ACOL1 ABRACON-ACOL1 Datasheet
418Kb / 1P
2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACVX1220 ABRACON-ACVX1220_07 Datasheet
289Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
logo
Connor-Winfield Corpora...
HC61R8R CONNOR-WINFIELD-HC61R8R Datasheet
204Kb / 2P
5.0V HCMOS/TTL COMPATIBLE14 PIN DIP CRYSTAL CLOCK OSCILLATOR
S13R8 CONNOR-WINFIELD-S13R8 Datasheet
133Kb / 1P
5.0V HCMOS/TTL COMPATIBLE14 PIN DIP CRYSTAL CLOCK OSCILLATOR
logo
RSG Electronic Componen...
HO-21 RSG-HO-21 Datasheet
84Kb / 1P
HALF SIZE CLOCK OSCILLATORS TTL COMPATIBLE
logo
Abracon Corporation
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
ACT ABRACON-ACT_15 Datasheet
806Kb / 2P
TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACVX1220 ABRACON-ACVX1220_15 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com