Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AISC-0603HP Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-0603HP
Description  HIGH CURRENT CERAMIC WIRE WOUND INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0603HP Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-0603HP Datasheet HTML 1Page - Abracon Corporation AISC-0603HP Datasheet HTML 2Page - Abracon Corporation AISC-0603HP Datasheet HTML 3Page - Abracon Corporation AISC-0603HP Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
AISC-0603HP
||||||||||| | | | |
30332Esperanza, Rancho Santa Margarita, California
92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 04.06.13
Visit www.abracon.com for Terms & Conditions of Sale
HIGH CURRENT CERAMIC WIRE WOUND INDUCTORS
FEATURES:
APPLICATIONS:
• Higher Q and lower DCR than other 0603 inductors
• Very high SRF – as high as 8.5 GHz
• Excellent current handling capability – up to 2100mA
• Wide range of Inductance values available for flexible needs
• Tight tolerance of 2% is available.
ELECTRICAL SPECIFICATIONS:
• Widely used in communications applications such as cell phones,
cable modems, ADSL, repeaters.
• Bluetooth, W-LAN, GPS, Broadband Network
• Video cameras, liquid crystal television, and other electronic devices
• Suitable for RF circuit
Pb
PARAMETERS
ABRACON P/N:
AISC-0603HPSeries
Operating temperature:
-40°C to + 125°C
Storage temperature:
PARAMETERS
1.80 x 1.12 x 1.02mm
-10ºC to +40ºC, 20% to 70% RH in Tape & Reel
RoHS/RoHS II Compliant
Part Number
AISC-0603HP-
Inductance Code
Inductance Tolerance
Min.
Quality
Factor
L/Q Test
Freq.
Typ.
Quality
Factor @
250MHz
/900MHz
Max. DC
Resistance
Max. Rated
Current
Min. Self-resonant
Frequency
Units
nH
-
-
MHz
Ω
mA
MHz
Symbol
L
-
Q
Freq.
DCR
Ir
S.R.F
AISC-0603HP-1N7
1.7
B, S
24
250
31/50
0.033
2100
8500
AISC-0603HP-2N2
2.2
B, S
13
250
15/27
0.150
900
7000
AISC-0603HP-3N3
3.3
B, S
35
250
37/64
0.035
1700
6900
AISC-0603HP-3N6
3.6
B, S
35
250
42/67
0.035
1700
6900
AISC-0603HP-3N9
3.9
B, S
30
250
39/62
0.039
1600
6900
AISC-0603HP-4N3
4.3
B, S
30
250
40/64
0.045
1500
6000
AISC-0603HP-4N7
4.7
B, S
22
250
29/50
0.090
1100
5800
AISC-0603HP-5N1
5.1
B, J, K
20
250
27/46
0.108
1000
5700
AISC-0603HP-6N2
6.2
B, J, K
35
250
44/68
0.050
1400
5800
AISC-0603HP-6N8
6.8
B, J, K
35
250
50/79
0.050
1400
5800
AISC-0603HP-7N2
7.2
B, J, K
35
250
47/71
0.052
1400
4800
AISC-0603HP-7N5
7.5
B, J, K
35
250
46/74
0.070
1300
4800
AISC-0603HP-8N2
8.2
B, J, K
35
250
45/69
0.054
1400
4300
AISC-0603HP-8N7
8.7
B, J, K
30
250
38/61
0.100
1000
4600
AISC-0603HP-9N1
9.1
J, K
28
250
35/57
0.108
1000
4300
AISC-0603HP-9N5
9.5
J, K
35
250
50/76
0.060
1350
5000
AISC-0603HP-10N
10
G, J, K
35
250
50/82
0.060
1350
4800
AISC-0603HP-11N
11
G, J, K
35
250
54/82
0.060
1350
4200
AISC-0603HP-12N
12
G, J, K
35
250
52/80
0.078
1200
4000
AISC-0603HP-15N
15
G, J, K
38
250
54/83
0.085
1100
4000
AISC-0603HP-16N
16
G, J, K
38
250
53/78
0.085
1100
3300
AISC-0603HP-18N
18
G, J, K
38
250
51/71
0.078
1200
3100
AISC-0603HP-22N
22
G, J, K
40
250
55/75
0.120
950
3000
AISC-0603HP-23N
23
G, J, K
40
250
55/75
0.120
950
2850
AISC-0603HP-24N
24
G, J, K
40
250
50/66
0.080
1100
2650
AISC-0603HP-27N
27
J, K
40
250
53/68
0.125
950
2800
AISC-0603HP-30N
30
G, J, K
40
250
55/66
0.130
920
2400
AISC-0603HP-33N
33
G, J, K
40
250
51/55
0.170
680
2300
AISC-0603HP-36N
36
G, J, K
40
250
55/63
0.150
750
2300
AISC-0603HP-39N
39
G, J, K
40
250
55/58
0.180
680
2200
AISC-0603HP-43N
43
G, J, K
40
250
52/53
0.170
810
2100
AISC-0603HP-47N
47
G, J, K
38
200
51/50
0.200
680
2000
AISC-0603HP-51N
51
G, J, K
38
200
50/46
0.250
660
1900
AISC-0603HP-56N
56
G, J, K
38
200
53/46
0.230
700
1900
AISC-0603HP-68N
68
G, J, K
38
200
50/39
0.280
650
1700
AISC-0603HP-72N
72
G, J, K
34
150
50/38
0.350
580
1700


Similar Part No. - AISC-0603HP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0603 ABRACON-AISC-0603 Datasheet
98Kb / 1P
SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
AISC-0603-R0018 ABRACON-AISC-0603-R0018 Datasheet
2Mb / 4P
CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-0603-R0027 ABRACON-AISC-0603-R0027 Datasheet
2Mb / 4P
CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-0603-R0033 ABRACON-AISC-0603-R0033 Datasheet
2Mb / 4P
CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-0603-R0036 ABRACON-AISC-0603-R0036 Datasheet
2Mb / 4P
CERAMIC WIRE WOUND INDUCTORS
09.16.13
More results

Similar Description - AISC-0603HP

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
logo
Abracon Corporation
AISC-0603-R33J ABRACON-AISC-0603-R33J Datasheet
2Mb / 4P
CERAMIC WIRE WOUND INDUCTORS
09.16.13
logo
Frontier Electronics.
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
Abracon Corporation
AISC-0402HP ABRACON-AISC-0402HP Datasheet
1Mb / 4P
HIGH CURRENT CERAMIC WIRE WOUND INDUCTORS
04.06.13
AISC-0805HQ ABRACON-AISC-0805HQ Datasheet
1Mb / 3P
HIGH Q CERAMIC WIRE WOUND INDUCTORS
05.28.13
AISC-1008HQ ABRACON-AISC-1008HQ Datasheet
1Mb / 3P
HIGH Q CERAMIC WIRE WOUND INDUCTORS
04.06.13
AISC-1206 ABRACON-AISC-1206 Datasheet
1Mb / 4P
Ceramic Wire Wound Inductors
10.11.13
AISC-1210-XXX ABRACON-AISC-1210-XXX Datasheet
2Mb / 4P
SMD CERAMIC WIRE-WOUND INDUCTORS
12.28.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com