Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AISC-1008-2R7 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-1008-2R7
Description  Wire Wound Inductor - Ceramic Or Ferrite Base
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1008-2R7 Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-1008-2R7 Datasheet HTML 1Page - Abracon Corporation AISC-1008-2R7 Datasheet HTML 2Page - Abracon Corporation AISC-1008-2R7 Datasheet HTML 3Page - Abracon Corporation AISC-1008-2R7 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wire Wound Inductor - Ceramic Or Ferrite Base
|||||||||| | | | | |
AISC-1008(F)
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
2.92 x 2.79 x 2.29m m
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 :2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
• Widely applied in the VCO, SAW circuit for GSM, CDMA
communications
• Used in hard disk, notebook computer and other
electronic equipment
• Ceramic or Ferrite Construction assures the utmost in the thermal
stablity and high SRF
• Exceptionally high Q compared to non-wirewound inductor,
especially at high frequencies
• Inductance values available from 4.7 nH to 10,000nH
Revised: 09.17.13
Part Number
AISC-1008-
Inductance Code
Inductance
Tolerance
Min.
Quality
Factor
L/Q Test
Freq.
Max. DC
Resistance
Max. Rated
Current
Min. Self-resonant
Frequency
Units
nH
-
-
MHz
Ω
mA
MHz
Symbol
L
-
Q
Freq.
DCR
Ir
S.R.F
AISC-1008-R0047
4.7
J, K, M
50
50/1500
0.11
1000
>6000
AISC-1008-R010
10
G, J, K, M
50
50/500
0.08
1000
4100
AISC-1008-R012
12
G, J, K, M
50
50/500
0.09
1000
3300
AISC-1008-R015
15
G, J, K, M
50
50/500
0.13
1000
2500
AISC-1008-R018
18
G, J, K, M
50
50/350
0.11
1000
2500
AISC-1008-R022
22
G, J, K, M
55
50/350
0.12
1000
2400
AISC-1008-R027
27
G, J, K, M
55
50/350
0.13
1000
1600
AISC-1008-R033
33
G, J, K, M
60
50/350
0.14
1000
1600
AISC-1008-R039
39
G, J, K, M
50
50/350
0.15
1000
1500
AISC-1008-R047
47
G, J, K, M
65
50/350
0.16
1000
1500
AISC-1008-R056
56
G, J, K, M
50
50/350
0.18
1000
1300
AISC-1008-R068
68
G, J, K, M
65
50/350
0.21
1000
1200
AISC-1008-R082
82
G, J, K, M
60
50/350
0.22
1000
800
AISC-1008-R10
100
G, J, K, M
60
25/350
0.56
650
1000
AISC-1008-R12
120
G, J, K, M
60
25/350
0.63
650
950
AISC-1008-R15
150
G, J, K, M
50
25/100
0.62
580
800
AISC-1008-R18
180
G, J, K, M
50
25/100
0.7
620
750
AISC-1008-R22
220
G, J, K, M
50
25/100
0.8
500
630
AISC-1008-R27
270
G, J, K, M
50
25/100
0.91
500
600
AISC-1008-R33
330
G, J, K, M
50
25/100
1.05
450
530
AISC-1008-R39
390
G, J, K, M
50
25/100
1.12
470
480
AISC-1008-R47
470
G, J, K, M
50
25/100
1.19
470
450
AISC-1008-R56
560
G, J, K, M
50
25/100
1.33
400
390
AISC-1008-R62
620
G, J, K, M
45
25/100
1.4
300
375
AISC-1008-R68
680
G, J, K, M
45
25/100
1.47
400
360
AISC-1008-R75
750
G, J, K, M
45
25/100
1.54
360
360
AISC-1008-R82
820
G, J, K, M
45
25/100
1.61
400
330
AISC-1008-R91
910
G, J, K, M
35
25/50
1.68
380
295
AISC-1008-1R0
1,000
G, J, K, M
35
25/50
1.8
370
270
AISC-1008-1R2
1,200
G, J, K, M
35
7.9/50
2
310
200
AISC-1008-1R5
1,500
G, J, K, M
28
7.9/50
2.3
330
150
AISC-1008-1R8
1,800
G, J, K, M
28
7.9/50
2.6
300
120
AISC-1008-2R2
2,200
G, J, K, M
28
7.9/50
2.8
280
100
AISC-1008-2R7
2,700
G, J, K, M
22
7.9/25
3.2
290
90
AISC-1008-3R3
3,300
G, J, K, M
22
7.9/25
3.4
290
70
AISC-1008-3R9
3,900
G, J, K, M
17
7.9/25
3.6
260
60
AISC-1008-4R7
4,700
G, J, K, M
20
7.9/25
4
260
50
AISC-1008-5R6
5,600
G, J, K, M
20
7.9/25
5.7
240
40
AISC-1008-6R8
6,800
G, J, K, M
20
7.9/25
7.7
200
40
AISC-1008-8R2
8,200
G, J, K, M
20
7.9/25
10.7
150
30
Pb RoHS/RoHS II Compliant


Similar Part No. - AISC-1008-2R7

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1008-2R7 ABRACON-AISC-1008-2R7 Datasheet
6Mb / 4P
Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
More results

Similar Description - AISC-1008-2R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
WIRE WOUND Ceramic Chip Inductor
logo
AVX Corporation
LCWF AVX-LCWF Datasheet
344Kb / 12P
Wire Wound Chip Inductor (Ferrite) LCWF Series
logo
Abracon Corporation
AISC-0805(F) ABRACON-AISC-0805(F) Datasheet
1Mb / 3P
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
04.15.11
AISC-0805LP ABRACON-AISC-0805LP Datasheet
1Mb / 2P
LOW PROFILE WIRE WOUND INDUCTOR (CERAMIC BASE)
08.18.09
AISC-1210HS ABRACON-AISC-1210HS Datasheet
1Mb / 4P
Wire Wound Inductors (Ferrite Base)
12.08.11
AISM-2220 ABRACON-AISM-2220 Datasheet
948Kb / 2P
MOLDED FERRITE WIRE WOUND CHIP INDUCTOR
09.09.10
AISC-0805-F ABRACON-AISC-0805-F Datasheet
1Mb / 3P
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
09.09.14
AISC-1008-F ABRACON-AISC-1008-F Datasheet
6Mb / 4P
Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
WIRE-WOUND CHIP INDUCTOR – CERAMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com