Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TM16LR64JFN Datasheet(PDF) 1 Page - Texas Instruments

Part # TM16LR64JFN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM16LR64JFN Datasheet(HTML) 1 Page - Texas Instruments

  TM16LR64JFN Datasheet HTML 1Page - Texas Instruments TM16LR64JFN Datasheet HTML 2Page - Texas Instruments TM16LR64JFN Datasheet HTML 3Page - Texas Instruments TM16LR64JFN Datasheet HTML 4Page - Texas Instruments TM16LR64JFN Datasheet HTML 5Page - Texas Instruments TM16LR64JFN Datasheet HTML 6Page - Texas Instruments TM16LR64JFN Datasheet HTML 7Page - Texas Instruments TM16LR64JFN Datasheet HTML 8Page - Texas Instruments TM16LR64JFN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TM8LR64JFN 8 388 608 BY 64BIT
TM16LR64JFN 16 777 216 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS710 − MAY 1998
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Organization:
− TM8LR64JFN...8 388 608
× 64 Bits
− TM16LR64JFN ...16 777 216
× 64 Bits
D Designed for 100-MHz 4-Clock Systems
D JEDEC 168-Pin Dual-In-Line Memory
Module (DIMM) Without Buffer for Use With
Socket
D TM8LR64JFN — Uses Eight 64M-Bit
Synchronous Dynamic RAMs (SDRAMs)
(8M
× 8-Bit) in Plastic Thin Small-Outline
Packages (TSOPs)
D TM16LR64JFN — Uses Sixteen 64M-Bit
SDRAMs (8M
× 8-Bit) in Plastic TSOPs
D Performance Ranges:
D Single 3.3-V Power Supply
(
±10% Tolerance)
D Byte-Read/Write Capability
D High-Speed, Low-Noise, Low-Voltage TTL
(LVTTL) Interface
D Read Latencies 2 and 3 Supported
D Supports Burst-Interleave and
Burst-Interrupt Operations
D Burst Length Programmable to 1, 2, 4,
and 8
D Four Banks for On-Chip Interleaving
(Gapless Access)
D Ambient Temperature Range
0
°C to 70°C
D Electroless Gold-Finished Contacts
D Pipeline Architecture
D Serial Presence-Detect (SPD) Using
EEPROM
SYNCHRONOUS
CLOCK CYCLE
TIME
ACCESS TIME
CLOCK TO
OUTPUT
REFRESH
INTERVAL
tCK3
tCK2
tAC3
tAC2
tREF
’xLR64JFN-8
8 ns
10 ns
6 ns
6 ns
64 ms
’xLR64JFN-8A
8 ns
10 ns
6 ns
7.5 ns
64 ms
description
The TM8LR64JFN is a 64M-byte, 168-pin dual-in-line memory module (DIMM). The DIMM is composed of eight
TMS664814DGE 8 388 608 x 8-bit SDRAMs, each in a 400-mil, 54-pin plastic thin small-outline package
(TSOP) mounted on a substrate with decoupling capacitors. See the TMS664814 data sheet (literature number
SMOS695).
The TM16LR64JFN is a 128M-byte, 168-pin DIMM. The DIMM is composed of sixteen TMS664814DGE
8 388 608 x 8-bit SDRAMs, each in a 400-mil, 54-pin plastic TSOP mounted on a substrate with decoupling
capacitors.
operation
The TM8LR64JFN operates as eight TMS664814DGE devices that are connected as shown in the
TM8LR64JFN functional block diagram. The TM16LR64JFN operates as 16 TMS664814DGE devices
connected as shown in the TM16LR64JFN functional block diagram.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1998, Texas Instruments Incorporated
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - TM16LR64JFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM16LR64JFN TI1-TM16LR64JFN Datasheet
292Kb / 17P
SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM16LR64JFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com