Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCC5630AMWPR/81535 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC5630AMWPR/81535
Description  Multimode SCSI 9 Line Terminator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5630AMWPR/81535 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC5630AMWPR/81535 Datasheet HTML 4Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 5Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 6Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 7Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 8Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 9Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 10Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 11Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MECHANICAL DATA
MPDS053 – SEPTEMBER 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DCE (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
36 PINS SHOWN
4201503/A 09/00
36
19
118
0.050 (1,27)
0
°–8°
PINS **
DIM
0.613
(15,57)
(15,20)
0.598
44
0.713
(18,11)
(17,70)
0.697
A MIN
A MAX
36
0.011 (0,28)
0.020 (0,51)
0.419 (10,69)
0.394 (10,00)
0.299 (7,60)
0.291 (7,40)
0.016 (0,40)
0.104 (2,64) MAX
0.004 (0,10) MIN
A
Seating Plane
0.014 (0,355)
Gage Plane
0.0091 (0,23)
0.0125 (0,32)
0,004 (0,10)
M
0.005 (0,13)
0.0315 ( 0,80)
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com