Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33991R2 Datasheet(PDF) 23 Page - Motorola, Inc

Part # PC33991R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991R2 Datasheet(HTML) 23 Page - Motorola, Inc

Back Button PC33991R2 Datasheet HTML 19Page - Motorola, Inc PC33991R2 Datasheet HTML 20Page - Motorola, Inc PC33991R2 Datasheet HTML 21Page - Motorola, Inc PC33991R2 Datasheet HTML 22Page - Motorola, Inc PC33991R2 Datasheet HTML 23Page - Motorola, Inc PC33991R2 Datasheet HTML 24Page - Motorola, Inc PC33991R2 Datasheet HTML 25Page - Motorola, Inc PC33991R2 Datasheet HTML 26Page - Motorola, Inc PC33991R2 Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33991
23
and solving for v in terms of u, s and t gives:
Thecorrect valueof t to use in this equation is the quantized
value obtained above.
From these equations, a set of recursive equations can be
generated to give the allowed time step between motor indexes
when the motor is accelerating from a stop to its maximum
velocity.
Starting from a position p of 0, and a velocity v of 0, these
equations define the time interval between steps at each
position. To drive the motor at maximum performance, index
commands are given to the motor at these intervals. A table is
generated giving the time step
∆t at an index position n.
,
where
indicates
rounding up.
Note: pn =n
This means: on the nth step, the motor has indexed by n
positions, and has been accelerating steadily at the maximum
allowed rate. This is critical because, it also indicates the
minimum distance the motor must travel while decelerating to a
stop. In other words, the stopping distance is also equal to the
current value of n.
The algorithm to drive the motor is similar to:
• While the motor is stopped, wait until a command is
received.
• Send index pulses to the motor at an ever-increasing rate,
according to the time steps in the table above until:
• The maximum velocity is reached, at this point the
time intervals stop decreasing
or,
• The distance remaining to travel is less than the
current index in the table. At this point, the stopping
distance is equal to the remaining distance,
ensuring it will stop at the required position, the
motor must begin decelerating.
An example of the table for a particular motor is provided in
Table 14. This motor’s maximum speed is 4800 microsteps/s
(at 12 microsteps/degree), and its maximum acceleration is
54000 microsteps/s². The table is quantized to a 1 MHz clock.
u
t
v
−
= 2
0
0
0
0
=
=
v
p
+
+
−
=
∆
−
−
a
a
v
v
t
n
n
n
2
2
1
1

1
2
−
−
∆
=
n
n
n
v
t
v
n
p
n =
Table 14. Velocity Ramp
Velocity
Position
Time Between
Steps (
µs)
Velocity
(
µSteps/s)
Velocity
Position
Time Between
Steps (
µs)
Velocity
(
µSteps/s)
Velocity
Position
Time Between
Steps (
µs)
Velocity
(
µSteps/s)
0
0
0.00
72
363
2771.81
144
255
3931.78
1
16383
122.08
73
360
2791.22
145
255
3945.49
2
6086
350.58
74
358
2810.50
146
254
3959.15
3
2521
480.52
75
355
2829.65
147
253
3972.77
4
1935
582.15
76
353
2848.67
148
252
3986.34
5
1631
668.51
77
351
2867.56
149
251
3999.86
6
1437
744.92
78
348
2886.33
150
250
4013.34
7
1299
814.19
79
346
2904.98
151
249
4026.77
8
1195
878.01
80
344
2923.51
152
249
4040.16
9
1112
937.50
81
342
2941.92
153
248
4053.51
10
1045
993.43
82
340
2960.22
154
247
4066.81
11
988
1046.38
83
338
2978.41
155
246
4080.06
12
940
1096.77
84
336
2996.48
156
245
4093.28
13
898
1144.95
85
334
3014.45
157
245
4106.45
14
861
1191.18
86
332
3032.31
158
244
4119.58
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com