Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SD1615 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD1615
Description  Old Company Name in Catalogs and Other Documents
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1615 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD1615 Datasheet HTML 1Page - Renesas Technology Corp 2SD1615 Datasheet HTML 2Page - Renesas Technology Corp 2SD1615 Datasheet HTML 3Page - Renesas Technology Corp 2SD1615 Datasheet HTML 4Page - Renesas Technology Corp 2SD1615 Datasheet HTML 5Page - Renesas Technology Corp 2SD1615 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
2SD1615, 1615A
NPN SILICON EPITAXIAL TRANSISTOR
POWER MINI MOLD
DATA SHEET
Document No. D10198EJ5V0DS00 (5th edition)
Date Published March 2006 NS CP(K)
Printed in Japan
c
1985
DESCRIPTION
2SD1615, 1615A are designed for audio frequency power amplifier and switching application, especially in Hybrid
Integrated Circuits.
FEATURES
• Low VCE (sat) VCE(sat) = 0.15 V
• Complement to 2SB1115, 1115A
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
2SD1615 2SD1615A
Collector to Base Voltage
VCBO
60
120
V
Collector to Emitter Voltage
VCEO
50
60
V
V
A
A
Emitter to Base Voltage
VEBO
6.0
Collector Current (DC)
IC (DC)
1.0
Collector Current (Pulse)
IC (Pulse)
2.0
Total Power Dissipation ∗∗
PT
2.0
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
PW ≤ 10 ms, Duty Cycle ≤ 50%
∗∗ When mounted on ceramic substrate of 16 cm2 × 0.7 mm
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
100
nA
2SD1615
VCB = 60 V, IE = 0
100
nA
2SD1615A
VCB = 120 V, IE = 0
Emitter Cutoff Current
IEBO
100
nA
VEB = 6.0 V, IC = 0
DC Current Gain
hFE1∗∗∗
135
290
600
2SC1615
VCE = 2.0 V, IC = 100 mA
135
400
2SD1615A
DC Current Gain
hFE2∗∗∗
81
270
VCE = 2.0 V, IC = 1.0 A
Collector Saturation Voltage
VCE(sat)∗∗∗
0.15
0.3
V
IC = 1.0 A, IB = 50 mA
Base Saturation Voltage
VBE(sat)∗∗∗
0.9
1.2
V
IC = 1.0 A, IB = 50 mA
Base to Emitter Voltage
VBE∗∗∗
600
700
mV
VCE = 2.0 V, IC = 50 mA
Gain Bandwidth Product
fT
80
160
MHz
VCE = 2.0 V, IE =
−100 mA
Output Capacitance
Cob
19
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
∗∗∗ Pulsed: PW ≤ 350 μs, Duty Cycle ≤ 2 %
hFE Classification
MARKING
2SD1615
GM
GL
GK
2SD1615A
GQ
GP
hFE1
135 to 270
200 to 400
300 to 600
PACKAGE DIMENSIONS
in millimeters
C
EB
4.5
±0.1
1.6
±0.2
0.42
±0.06
0.42
±0.06
1.5
±0.1
1.5
3.0
0.41
+0.03
− 0.05
E. Emitter
C. Collector
B. Base
0.47
±0.06



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com