Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PA502CT-T1-A/AT Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PA502CT-T1-A/AT
Description  N-CHANNEL MOSFET FOR SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA502CT-T1-A/AT Datasheet(HTML) 2 Page - Renesas Technology Corp

  PA502CT-T1-A/AT Datasheet HTML 1Page - Renesas Technology Corp PA502CT-T1-A/AT Datasheet HTML 2Page - Renesas Technology Corp PA502CT-T1-A/AT Datasheet HTML 3Page - Renesas Technology Corp PA502CT-T1-A/AT Datasheet HTML 4Page - Renesas Technology Corp PA502CT-T1-A/AT Datasheet HTML 5Page - Renesas Technology Corp PA502CT-T1-A/AT Datasheet HTML 6Page - Renesas Technology Corp PA502CT-T1-A/AT Datasheet HTML 7Page - Renesas Technology Corp PA502CT-T1-A/AT Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
µPA502CT
R07DS1277EJ0200 Rev.2.00
Page 2 of 6
Jul 06, 2015
Electrical Characteristics (TA = 25
C)
Characteristics
Symbol
Test Conditions
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
A
Gate Leakage Current
IGSS
VGS =
20 V, VDS = 0 V
10
A
Gate to Source Cut-off Voltage
VGS(off)
VDS = VGS, ID = 250
A
1.0
2.5
V
Forward Transfer Admittance Note
| yfs |
VDS = 10 V, ID = 100 mA
150
mS
Drain to Source On-state Resistance Note
RDS(on)1
VGS = 10 V, ID = 100 mA
2.1
2.7
RDS(on)2
VGS = 4.5 V, ID = 50 mA
2.4
3.2
Input Capacitance
Ciss
VDS = 10 V,
20
pF
Output Capacitance
Coss
VGS = 0 V,
9
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
2
pF
Turn-on Delay Time
td(on)
VDD = 10 V,
16
ns
Rise Time
tr
ID = 200 mA,
6.5
ns
Turn-off Delay Time
td(off)
VGS = 10 V,
82
ns
Fall Time
tf
RG = 10
32
ns
Total Gate Charge
QG
ID = 200 mA, VDD = 25 V, VGS = 10 V
2
nC
Body Diode Forward Voltage Note
VF(S-D)
IF = 200 mA, VGS = 0 V
0.86
V
Note
Pulsed
Test Circuit Switching Time
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com