Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS10H100CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS10H100CT
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10H100CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS10H100CT Datasheet HTML 1Page - STMicroelectronics STPS10H100CT Datasheet HTML 2Page - STMicroelectronics STPS10H100CT Datasheet HTML 3Page - STMicroelectronics STPS10H100CT Datasheet HTML 4Page - STMicroelectronics STPS10H100CT Datasheet HTML 5Page - STMicroelectronics STPS10H100CT Datasheet HTML 6Page - STMicroelectronics STPS10H100CT Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
STPS10H100CT/CG/CR/CFP
®
July 2003 - Ed: 3F
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
IF(AV)
2x5A
VRRM
100 V
Tj
175°C
VF (max)
0.61 V
MAIN PRODUCT CHARACTERISTICS
s
HIGH JUNCTION TEMPERATURE CAPABILITY
FOR CONVERTERS LOCATED IN CONFINED
ENVIRONMENT
s
LOW
LEAKAGE
CURRENT
AT
HIGH
TEMPERATURE
s
LOW STATIC AND DYNAMIC LOSSES AS A
RESULT OF THE SCHOTTKY BARRIER
s
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Schottky barrier rectifier designed for high
frequency miniature Switched Mode Power
Supplies such as adaptators and on board
DC/DC converters. Packaged in TO-220AB,
TO-220FPAB, D
2PAK and I2PAK.
DESCRIPTION
TO-220AB
STPS10H100CT
A1
A2
K
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
RMS forward current
10
A
IF(AV)
Average forward
current
δ = 0.5
TO-220AB
D
2PAK/I2PAK
Tc = 165°C
per diode
per device
5
10
A
TO-220FPAB
Tc = 160°C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
180
A
IRRM
Repetitive peak reverse current
tp=2µs square F = 1kHz
1
A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
7200
W
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values, per diode)
A1
A2
K
A1
A2
K
D2PAK
STPS10H100CG
K
A1
A2
K
I2PAK
STPS10H100CR
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink
A1
A2
K
TO-220FPAB
STPS10H100CFP


Similar Part No. - STPS10H100CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
249Kb / 10P
High voltage power Schottky rectifier
20-Dec-2013
More results

Similar Description - STPS10H100CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com