Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WD2Y561KBx Datasheet(PDF) 1 Page - Dubilier

Part # WD2Y561KBx
Description  SAFETY Y2 CLASS DISC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

WD2Y561KBx Datasheet(HTML) 1 Page - Dubilier

  WD2Y561KBx Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12
CAPACITANCE & DIMENSIONS
CAPACITORS
SAFETY Y2 CLASS DISC WD2Y
ORDERING INFORMATION
SPECIFICATION
APPROVALS
Ideal for across the line applications
Compact size
Cost effective product
Safety standards recognised for AC applications
Coated with flame retardant epoxy resin
These Ceramic Disc Capacitors are specifically designed for AC
applications and meet the safety requirements of various safety
standards agencies. These capacitors are ideal for across the line
and line by-pass applications.
Item
Performance Characteristics
Temperature Range
-25 to +125˚C
Capacitance Range
100pF to 10,000pF
Capacitance Tolerance
K = ±10%, M = ±20%
Rated Voltage
250Vac
Temperature Coefficient
±10% for B(Y5P)
+30 to -80% for F(Y5V)
Dissipation Factor
For B(Y5P) D.F≤2.5%
at 20˚C with 1±0.1kHz and 5Vrms max
For F(Y5V) D.F≤5.0%
Insulation Resistance
10,000MΩ at 500±50Vdc with 60±5 seconds of charging
Part Number
T.C.
Cap. (pF)
Tolerance
Dimension (mm)
Dia. Max.
Pitch
T Max.
WD2Y101KBx
100
9.5
5/ 7.5/ 10
WD2Y151KBx
150
9.5
5/ 7.5/ 10
WD2Y221KBx
B
220
K
9.5
5/ 7.5/ 10
WD2Y331KBx
±10%
330
±10%
9.5
5/ 7.5/ 10
WD2Y471KBx
(Y5P)
470
9.5
5/ 7.5/ 10
WD2Y561KBx
560
10.5
5/ 7.5/ 10
WD2Y681KBx
680
10.5
5/ 7.5/ 10
WD2Y102KBx
1000
12.5
5/ 7.5/ 10
6
WD2Y102MFx
1000
9.5
5/ 7.5/ 10
WD2Y152MFx
1500
9.5
5/ 7.5/ 10
WD2Y222MFx
F
2200
M
10.5
5/ 7.5/ 10
WD2Y332MFx
+30~-80%
3300
±20%
12.5
5/ 7.5/ 10
WD2Y392MFx
(Y5V)
3900
13.5
5/ 7.5/ 10
WD2Y472MFx
4700
14.5
5/ 7.5/ 10
WD2Y103MFD
10000
18.5
10
WD2Y
101
K
B
C
Range
Capacitance
Code
Tolerance
K = 10%
M = 20%
Temperature
Co-efficient
B = Y5P
F = Y5V
Pitch
B = 5mm
C = 7.5mm
D = 10mm
Standard
File No.
Capacitance
VDE0565Teil 1-1
94772
100pF to 10000pF
In accordance with EN132400 1995-03 IEC384-14
2nd edition table II safety test
UL1414
E146544 (N)
100pF to 4700pF
CSA-C22.2 No.1
LR 92203-1
100pF to 4700pF
All parts maintain strict
factory marking to comply with
approval file listings.
Y2
www.dubilier.co.uk


Similar Part No. - WD2Y561KBx

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD2 ETC1-WD2 Datasheet
1Mb / 11P
Big-screen simplicity
WD200 ETC1-WD200 Datasheet
45Kb / 2P
DC/DC Converters
logo
XP Power Limited
WD200 XPPOWER-WD200 Datasheet
62Kb / 2P
DC-DC Converters
logo
Western Digital Corpora...
WD2000FYYZ WESTERN-WD2000FYYZ Datasheet
696Kb / 2P
WD Re™ Datacenter Capacity HDD
May 2016
logo
List of Unclassifed Man...
WD2000M ETC1-WD2000M Datasheet
1Mb / 11P
Big-screen simplicity
More results

Similar Description - WD2Y561KBx

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2102M29Y5US63V7 VISHAY-VY2102M29Y5US63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2222M35Y5UG63V7 VISHAY-VY2222M35Y5UG63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VKO472MCQCF0KR VISHAY-VKO472MCQCF0KR Datasheet
147Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY2 VISHAY-VY2_V01 Datasheet
173Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
WYO VISHAY-WYO_V01 Datasheet
166Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
28-Jan-2022
30LV VISHAY-30LV Datasheet
169Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
30-Sep-2021
VY2 VISHAY-VY2 Datasheet
172Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com