Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS481TM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS481TM
Description  Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS481TM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS481TM Datasheet HTML 2Page - National Semiconductor (TI) DS481TM Datasheet HTML 3Page - National Semiconductor (TI) DS481TM Datasheet HTML 4Page - National Semiconductor (TI) DS481TM Datasheet HTML 5Page - National Semiconductor (TI) DS481TM Datasheet HTML 6Page - National Semiconductor (TI) DS481TM Datasheet HTML 7Page - National Semiconductor (TI) DS481TM Datasheet HTML 8Page - National Semiconductor (TI) DS481TM Datasheet HTML 9Page - National Semiconductor (TI) DS481TM Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Unit Load (Continued)
multi-slave type of application where the number of slaves
exceeds 32, the DS481 may save in the cost of extra devices
like repeaters, extra media like cable, and/or extra compo-
nents like resistors.
Sleep Mode
The DS481 features an automatic sleep mode that allows
the device to save power when not transmitting data. Since
the sleep mode is automatic, no external components are re-
quired. It may be used as little or as much as the application
requires. The more the feature is utilized, the more power it
saves.
The sleep mode is automatically entered when both the
driver and receiver are disabled. This occurs when both the
DE pin is asserted to a logic low and the RE (Note 1) pin is
asserted to a logic high. Once both pins are asserted the de-
vice will enter sleep mode after 50 ns. The DS481 is guaran-
teed to go into sleep mode within 600 ns after both pins are
asserted. The device wakes up (comes out of sleep mode)
when either the DE pin is asserted to a logic high and/or the
RE (Note 1) pin is asserted to a logic low. After the device
enters sleep mode it will take longer for the device to wake
up than it does for the device to enable from TRI-STATE. Re-
fer to datasheet specifications t
PSL and tPSH and compare
with t
PZL and t PZH for timing differences.
The benefit of the DS481 is definitely its power savings.
When active the device has a maximum I
CC of 500 µA.
When in sleep mode the device has a maximum I
CC of only
10 µA, which is 50 times less power than when active. The
I
CC when the device is active is already very low but when in
sleep mode the I
CCis ultra low.
Applications Information (Continued)
DS012919-16
FIGURE 15. Input Current vs Input Voltage
Operating Range
Multipoint RS-485 Application
DS012919-17
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com