Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM335ZCE270 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335ZCE270
Description  Digital Media System-on-Chip (DMSoC)
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM335ZCE270 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM335ZCE270 Datasheet HTML 1Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 2Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 3Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 4Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 5Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 6Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 7Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 8Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 160 page
background image
TMS320DM335
www.ti.com
SPRS528C – JULY 2008 – REVISED JUNE 2010
TMS320DM335
Digital Media System-on-Chip (DMSoC)
Check for Samples: TMS320DM335
1
Digital Media System-on-Chip (DMSoC)
1.1
TMS320DM335 Features
123
– EmbeddedICE-RT™ Logic for Real-Time
• Highlights
Debug
– High-Performance Digital Media
• ARM9 Memory Architecture
System-On-Chip (DMSoC)
– 16K-Byte Instruction Cache
– Up to 216-MHz ARM926EJ-S™ Clock Rate
– 8K-Byte Data Cache
– Digital HDTV (720p/1080i) output for
connection to external encoder
– 32K-Byte RAM
– Video Processing Subsystem
– 8K-Byte ROM
•
Hardware IPIPE for Real-Time Image
– Little Endian
Processing
• Video Processing Subsystem
•
Up to 14-bit CCD/CMOS Digital Interface
– Front End Provides:
•
Histogram Module
•
Hardware IPIPE for Real-Time Image
•
Resize Image 1/16x to 8x
Processing
•
Hardware On-Screen Display
•
Up to 14-bit CCD/CMOS Digital Interface
•
Up to 75-MHz Pixel Clock
•
16-/8-bit Generic YcBcR-4:2 Interface
(BT.601)
•
Composite NTSC/PAL video encoder
output
•
10-/8-bit CCIR6565/BT655 Interface
– Peripherals include DDR and mDDR SDRAM,
•
Up to 75-MHz Pixel Clock
2 MMC/SD/SDIO and SmartMedia Flash Card
•
Histogram Module
Interfaces, USB 2.0, 3 UARTs and 3 SPIs
•
Resize Engine
– Enhanced Direct-Memory-Access (EDMA)
–
Resize Images From 1/16x to 8x
– Configurable Power-Saving Modes
–
Separate Horizontal/Vertical Control
– On-Chip ARM ROM Bootloader (RBL) to Boot
–
Two Simultaneous Output Paths
From NAND Flash, MMC/SD, or UART
– Back End Provides:
– 3.3-V and 1.8-V I/O, 1.3-V Core
•
Hardware On-Screen Display (OSD)
– Debug Interface Support
•
Composite NTSC/PAL video encoder
– Up to 104 General-Purpose I/O (GPIO) Pins
output
– 337-Pin Ball Grid Array at 65 nm Process
•
8-/16-bit YCC and Up to 18-Bit RGB666
Technology
Digital Output
• High-Performance Digital Media
•
BT.601/BT.656 Digital YCbCr 4:2:2
System-on-Chip (DMSoC)
(8-/16-Bit) Interface
– 135-, 216-MHz ARM926EJ-S™ Clock Rate
•
Digital HDTV (720p/1080i) output for
– Fully Software-Compatible With ARM™
connection to external encoder
– Extended Temperature 135- and 216-MHz
• External Memory Interfaces (EMIFs)
Devices are Available
– DDR2 and mDDR SDRAM 16-bit wide EMIF
• ARM926EJ-S Core
With 256 MByte Address Space (1.8-V I/O)
– Support for 32-Bit and 16-Bit (Thumb Mode)
– Asynchronous16-/8-bit Wide EMIF (AEMIF)
Instruction Sets
•
Flash Memory Interfaces
– DSP Instruction Extensions and Single Cycle
–
NAND (8-/16-bit Wide Data)
MAC
–
OneNAND(16-bit Wide Data)
– ARM® Jazelle® Technology
• Flash Card Interfaces
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Windows is a trademark of Microsoft.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM335ZCE270

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM335ZCE270 TI-TMS320DM335ZCE270 Datasheet
1Mb / 158P
Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM335ZCE270

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
Digital Media System-on-Chip(DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com