Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM647CUTA8 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTA8
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTA8 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320DM647CUTA8 Datasheet HTML 44Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 45Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 46Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 47Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 48Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 49Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 50Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 51Page - Texas Instruments TMS320DM647CUTA8 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 3-10. MAC_ADDR_R1 Register Field Descriptions (continued)
Bit
Field
Value
Description
15:0
MAC_ID
Mac
Bit 0 of MAC_ID is Bit 32 of MAC Address
Address[47:32] of
the device
Figure 3-9. MAC_ADDR_RW0 Register
31
0
MAC_ADDR_R0
R/W - MAC ID[31:0]
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 3-11. MAC_ADDR_RW0 Register Field Descriptions
Bit
Field
Value
Description
31:0
MAC_ID
Mac
Bit 0 of MAC_ID is bit 0 of MAC Address
Address[31:0] of
the device
Figure 3-10. MAC_ADDR_RW1 Register
31
24
23
16
CRC
Reserved
R/W-CRC for the MAC_ID
R/W-00000000
15
0
MAC_ID
R-MAC ADDRESS[47:32]
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 3-12. MAC_ADDR_RW1 Register Field Descriptions
Bit
Field
Value
Description
31:24
CRC
CRC of the
This field will hold the CRC of the MAC address of that particular device.
MAC ID
23:16
Reserved
0x00
Reserved
15:0
MAC_ID
Mac
Bit 0 of MAC_ID is Bit 32 of MAC Address
Address[47:32]
of the device
48
Device Configuration
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com