Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM647CUTD1 Datasheet(PDF) 159 Page - Texas Instruments

Part # TMS320DM647CUTD1
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTD1 Datasheet(HTML) 159 Page - Texas Instruments

Back Button TMS320DM647CUTD1 Datasheet HTML 155Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 156Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 157Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 158Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 159Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 160Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 161Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 162Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-76. Switching Characteristics Over Recommended Operating Conditions for McASP
(see Figure 6-49 and Figure 6-50)(1)
720, 800, 900,
1100
NO.
PARAMETER
UNIT
MIN
MAX
9
tc(AHCKRX)
Cycle time, AHCLKR/X
20
ns
10
tw(AHCKRX)
Pulse duration, AHCLKR/X high or low
10
ns
11
tc(CKRX)
Cycle time, ACLKR/X
ACLKR/X int
33
ns
12
tw(CKRX)
Pulse duration, ACLKR/X high or low
ACLKR/X int
16.5
ns
ACLKR/X int
5
ns
13
td(CKRX-FRX)
Delay time, ACLKR/X transmit edge to AFSX/R output valid
ACLKR/X ext
14.28
ns
ACLKX int
10
ns
14
td(CKX-AXRV)
Delay time, ACLKX transmit edge to AXR output valid
ACLKX ext
12.5
ns
ACLKR/X int
10
ns
Disable time, AXR high impedance following last data bit from
15
tdis(CKRX-AXRHZ)
ACLKR/X transmit edge
ACLKR/X ext
12.5
ns
(1)
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
159
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com