Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM647CUTD1 Datasheet(PDF) 60 Page - Texas Instruments

Part # TMS320DM647CUTD1
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTD1 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320DM647CUTD1 Datasheet HTML 56Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 57Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 58Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 59Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 60Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 61Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 62Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 63Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-2. LPSC Assignments
LPSC NUMBER
PERIPHERAL/ MODULE
0
EDMA3CC
1
Reserved
2
Reserved
3
Reserved
4
Reserved
5
Reserved
6
Reserved
7
DDR2 Memory Controller
8
UHPI
9
VLYNQ
10
GPIO
11
TIMER0
12
TIMER1
13
Reserved
14
Reserved
15
Reserved
16
Reserved
17
SPI
18
I2C
19
PCI
20
VP0
21
VP1
22
VP2
23
VP3
24
VP4
25
EMIFA
26
TIMER2
27
TIMER3
28
VIC
29
McASP
30
UART
31
VICP
32
Reserved
33
C64x+ CPU
34
Ethernet Subsystem
Table 6-3. PSC Register Memory Map
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x0204 6000
PID
Peripheral Revision and Class Information Register
0x0204 6004- 0x0204 600F
–
Reserved
0x0204 6010
–
Reserved
0x0204 6014
Reserved
0x0204 6018
INTEVAL
Interrupt Evaluation Register
0x0204 601C- 0x0204 603F
–
Reserved
0x0204 6040
–
Reserved
0x0204 6044
MERRPR1
Module Error Pending 1 (mod 32- 63) Register
0x0204 6048- 0x0204 604F
–
Reserved
60
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com