Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM647CUTD1 Datasheet(PDF) 178 Page - Texas Instruments

Part # TMS320DM647CUTD1
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTD1 Datasheet(HTML) 178 Page - Texas Instruments

Back Button TMS320DM647CUTD1 Datasheet HTML 174Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 175Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 176Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 177Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 178Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 179Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 180Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 181Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
6.23 General-Purpose Input/Output (GPIO)
The GPIO peripheral provides general-purpose pins that can be configured as either inputs or outputs.
When configured as an output, a write to an internal register can control the state driven on the output pin.
When configured as an input, the state of the input is detectable by reading the state of an internal
register. In addition, the GPIO peripheral can produce CPU interrupts and EDMA events in different
interrupt/event generation modes. The GPIO peripheral provides generic connections to external devices.
The GPIO pins are grouped into banks of 16 pins per bank (i.e., bank 0 consists of GPIO [0:15]).
The GPIO peripheral supports the following:
•
Up to 3.3-V GPIO pins
•
Interrupts:
–
Up to 16 unique GPIO[0:15] interrupts from Bank 0
–
One GPIO bank (aggregated) interrupt signal from the GPIOs in Bank 1
–
Interrupts can be triggered by rising and/or falling edge, specified for each interrupt capable GPIO
signal
•
DMA events:
–
Up to 10 unique GPIO DMA events from Bank 0
•
Set/clear functionality: Firmware writes 1 to corresponding bit position(s) to set or to clear GPIO
signal(s). This allows multiple firmware processes to toggle GPIO output signals without critical section
protection (disable interrupts, program GPIO, re-enable interrupts, to prevent context switching to
anther process during GPIO programming).
•
Separate Input/Output registers
•
Output register in addition to set/clear so that, if preferred by firmware, some GPIO output signals can
be toggled by direct write to the output register(s).
•
Output register, when read, reflects output drive status. This, in addition to the input register reflecting
pin status and open-drain I/O cell, allows wired logic be implemented.
The memory map for the GPIO registers is shown in Table 6-95.
For more detailed information on GPIOs, see the TMS320DM647/DM648 DSP General-Purpose
Input/Output (GPIO) User's Guide (literature number SPRUEK7).
6.23.1 GPIO Peripheral Register Descriptions
Table 6-95. GPIO Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x0204 8000
PID
Peripheral Identification Register
0x0204 8004
-
Reserved
0x0204 8008
BINTEN
GPIO interrupt per-bank enable
GPIO Banks 0 and 1
0x0204 800C
-
Reserved
0x0204 8010
DIR
GPIO Banks 0 and 1 Direction Register (GPIO[0:31])
0x0204 8014
OUT_DATA
GPIO Banks 0 and 1 Output Data Register (GPIO[0:31])
0x0204 8018
SET_DATA
GPIO Banks 0 and 1 Set Data Register (GPIO[0:31])
0x0204 801C
CLR_DATA
GPIO Banks 0 and 1 Clear data for banks 0 and 1 (GPIO[0:31])
0x0204 8020
IN_DATA
GPIO Banks 0 and 1 Input Data Register (GPIO[0:31])
0x0204 8024
SET_RIS_TRIG
GPIO Banks 0 and 1 Set Rising Edge Interrupt Register (GPIO[0:31])
0x0204 8028
CLR_RIS_TRIG
GPIO Banks 0 and 1 Clear Rising Edge Interrupt Register (GPIO[0:31])
0x0204 802C
SET_FAL_TRIG
GPIO Banks 0 and 1 Set Falling Edge Interrupt Register (GPIO[0:31])
0x0204 8030
CLR_FAL_TRIG
GPIO Banks 0 and 1 Clear Falling Edge Interrupt Register (GPIO[0:31])
0x0204 8034
INSTAT
GPIO Banks 0 and 1 Interrupt Status Register (GPIO[0:31])
178
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com