Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM647CUTD1 Datasheet(PDF) 138 Page - Texas Instruments

Part # TMS320DM647CUTD1
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTD1 Datasheet(HTML) 138 Page - Texas Instruments

Back Button TMS320DM647CUTD1 Datasheet HTML 134Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 135Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 136Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 137Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 138Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 139Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 140Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 141Page - Texas Instruments TMS320DM647CUTD1 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
6.16 Host-Port Interface (HPI) Peripheral
6.16.1 HPI Device-Specific Information
The device includes a user-configurable 16-bit or 32-bit host-port interface (HPI16/HPI32). The AEA14 pin
controls the HPI_WIDTH, allowing the user to configure the HPI as a 16-bit or 32-bit peripheral.
Software handshaking via the HRDY bit of the Host Port Control Register (HPIC) is not supported.
An HPI boot is terminated using a DSP interrupt. The DSP interrupt is registered in bit 0 (channel 0) of the
EDMA Event Register (ER). This event must be cleared by software before triggering transfers on DMA
channel 0.
6.16.2 HPI Peripheral Register Description(s)
Table 6-65. HPI Control Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0x0200 0000
PID
Peripheral Identification Register
HPI power and emulation management
PWREMU_MGMT has both host/CPU
0x0200 0004
PWREMU_MGMT
register
read/write access.
0x0200 0008 - 0x0200 0024
-
Reserved
0x0200 0028
-
Reserved
0x0200 002C
-
Reserved
The host and the CPU have read/write
0x0200 0030
HPIC
HPI control register
access to the HPIC register.(1)
HPIA
HPI address register
0x0200 0034
The host has read/write access to the
(HPIAW)(2)
(Write)
HPIA registers. The CPU has read
HPIA
HPI address register
access only to the HPIA registers.
0x0200 0038
(HPIAR)(2)
(Read)
0x0200 003C - 0x0200 007F
-
Reserved
(1)
The CPU can write 1 to the HINT bit to generate an interrupt to the host and it can write 1 to the DSPINT bit to clear/acknowledge an
interrupt from the host.
(2)
There are two 32-bit HPIA registers: HPIAR for read operations and HPIAW for write operations. The HPI can be configured such that
HPIAR and HPIAW act as a single 32-bit HPIA (single-HPIA mode) or as two separate 32-bit HPIAs (dual-HPIA mode) from the
perspective of the host. The CPU can access HPIAW and HPIAR independently. For details about the HPIA registers and their modes,
see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number SPRUEL5).
138
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com