| Electronic Components Datasheet Search |
|
TMS320F2811PBKA Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811PBKA Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 172 page ![]() TMS320F2810, TMS320F2811, TMS320F2812 TMS320C2810, TMS320C2811, TMS320C2812 www.ti.com SPRS174T – APRIL 2001 – REVISED MAY 2012 3.3 Register Map The F281x and C281x devices contain three peripheral register spaces. The spaces are categorized as follows: Peripheral Frame 0: These are peripherals that are mapped directly to the CPU memory bus. See Table 3-6. Peripheral Frame 1: These are peripherals that are mapped to the 32-bit peripheral bus. See Table 3-7. Peripheral Frame 2: These are peripherals that are mapped to the 16-bit peripheral bus. See Table 3-8. Table 3-6. Peripheral Frame 0 Registers(1) NAME ADDRESS RANGE SIZE (x16) ACCESS TYPE(2) Device Emulation Registers 0x00 0880 – 0x00 09FF 384 EALLOW protected Reserved 0x00 0A00 – 0x00 0A7F 128 EALLOW protected FLASH Registers(3) 0x00 0A80 – 0x00 0ADF 96 CSM Protected Code Security Module Registers 0x00 0AE0 – 0x00 0AEF 16 EALLOW protected Reserved 0x00 0AF0 – 0x00 0B1F 48 XINTF Registers 0x00 0B20 – 0x00 0B3F 32 Not EALLOW protected Reserved 0x00 0B40 – 0x00 0BFF 192 CPU-TIMER0/1/2 Registers 0x00 0C00 – 0x00 0C3F 64 Not EALLOW protected Reserved 0x00 0C40 – 0x00 0CDF 160 PIE Registers 0x00 0CE0 – 0x00 0CFF 32 Not EALLOW protected PIE Vector Table 0x00 0D00 – 0x00 0DFF 256 EALLOW protected Reserved 0x00 0E00 – 0x00 0FFF 512 (1) Registers in Frame 0 support 16-bit and 32-bit accesses. (2) If registers are EALLOW protected, then writes cannot be performed until the user executes the EALLOW instruction. The EDIS instruction disables writes. This prevents stray code or pointers from corrupting register contents. (3) The Flash Registers are also protected by the Code Security Module (CSM). Table 3-7. Peripheral Frame 1 Registers(1) NAME ADDRESS RANGE SIZE (x16) ACCESS TYPE 256 Some eCAN control registers (and selected bits in eCAN Registers 0x00 6000 – 0x00 60FF (128 x 32) other eCAN control registers) are EALLOW-protected. 256 eCAN Mailbox RAM 0x00 6100 – 0x00 61FF Not EALLOW-protected (128 x 32) Reserved 0x00 6200 – 0x00 6FFF 3584 (1) The eCAN control registers only support 32-bit read/write operations. All 32-bit accesses are aligned to even address boundaries. Copyright © 2001–2012, Texas Instruments Incorporated Functional Overview 39 Submit Documentation Feedback Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |