Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JL723SCA Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # JL723SCA
Description  Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

JL723SCA Datasheet(HTML) 13 Page - Texas Instruments

Back Button JL723SCA Datasheet HTML 9Page - Texas Instruments JL723SCA Datasheet HTML 10Page - Texas Instruments JL723SCA Datasheet HTML 11Page - Texas Instruments JL723SCA Datasheet HTML 12Page - Texas Instruments JL723SCA Datasheet HTML 13Page - Texas Instruments JL723SCA Datasheet HTML 14Page - Texas Instruments JL723SCA Datasheet HTML 15Page - Texas Instruments JL723SCA Datasheet HTML 16Page - Texas Instruments JL723SCA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LM723JAN
www.ti.com
SNVS317A – FEBRUARY 2005 – REVISED MARCH 2013
L1 is 40 turns of No. 20 enameled copper wire wound on Ferroxcube P36/22-3B7 pot core or equivalent with 0.009 in.
air gap.
Figure 22. Positive Switching Regulator
Typical Performance
Regulated Output Voltage
+5V
Line Regulation (
ΔVIN = 30V)
10 mV
Load Regulation (
ΔIL = 2A)
80 mV
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM723JAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com