Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF1004I-1.2/2K5 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF1004I-1.2/2K5
Description  1.2V and 2.5V Micropower VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF1004I-1.2/2K5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF1004I-1.2/2K5 Datasheet HTML 3Page - Texas Instruments REF1004I-1.2/2K5 Datasheet HTML 4Page - Texas Instruments REF1004I-1.2/2K5 Datasheet HTML 5Page - Texas Instruments REF1004I-1.2/2K5 Datasheet HTML 6Page - Texas Instruments REF1004I-1.2/2K5 Datasheet HTML 7Page - Texas Instruments REF1004I-1.2/2K5 Datasheet HTML 8Page - Texas Instruments REF1004I-1.2/2K5 Datasheet HTML 9Page - Texas Instruments REF1004I-1.2/2K5 Datasheet HTML 10Page - Texas Instruments REF1004I-1.2/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
®
7
REF1004
FIGURE 1. Low-Noise Reference.
FIGURE2. Micropower Reference from 9V Battery.
1.5V (see Note)
REF1004-1.2
3k
Ω
1.235V
NOTE: Output regulates
to 1.285V for I
O = 0.
FIGURE 3. 1.2V Reference from 1.5V Battery.
FIGURE 4. 2.5V Reference.
+
100µA
V
I ≥ 5V
22
Ω
REF1004-1.2
Output
5µF
9V
REF1004-1.2
510k
Ω
1.235V
5V
REF1004-2.5
50k
Ω
2.5V
FIGURE 5. Lead-Acid Low-Battery-Voltage Detector.
TLC271
LO = Battery Low
12V
Battery Output
1M
Ω
R
1
(1)
1%
133k
Ω
1%
REF1004-1.2
NOTE: (1) R
1 sets trip point, 60.4kΩ per cell for 1.8V per cell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com