Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS75365 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75365
Description  Quad TTL-to-MOS Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75365 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS75365 Datasheet HTML 1Page - National Semiconductor (TI) DS75365 Datasheet HTML 2Page - National Semiconductor (TI) DS75365 Datasheet HTML 3Page - National Semiconductor (TI) DS75365 Datasheet HTML 4Page - National Semiconductor (TI) DS75365 Datasheet HTML 5Page - National Semiconductor (TI) DS75365 Datasheet HTML 6Page - National Semiconductor (TI) DS75365 Datasheet HTML 7Page - National Semiconductor (TI) DS75365 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage Range of VCC1
b
05V to 7V
Supply Voltage Range of VCC2
b
05V to 25V
Supply Voltage Range of VCC3
b
05V to 30V
nput Voltage
55V
Inter-Input Voltage (Note 4)
55V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1509 mW
Molded Package
1476 mW
SO Package
1488 mW
Lead Temperature (Soldering 10 sec)
300 C
Derate cavity package 101 mW C above 25 C derate molded package
118 mW C above 25 C derate SO package 119 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC1)
475
525
V
Supply Voltage (VCC2)
475
24
V
Supply Voltage (VCC3)VCC2
28
V
Voltage Difference Between
0
10
V
Supply Voltages VCC3–VCC2
Operating Ambient Temperature
0
70
C
Range (TA)
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High-Level Input Voltage
2
V
VIL
Low-Level Input Voltage
08
V
VI
Input Clamp Voltage
II eb12 mA
b
15
V
VOH
High-Level Output Voltage VCC3 e VCC2 a 3V VIL e 08V IOH eb 100 mAVCC2 b 03 VCC2 b 01
V
VCC3 e VCC2 a 3V VIL e 08V IOH eb 10 mA VCC2 b 12 VCC2 b 09
V
VCC3 e VCC2 VIL e 08V IOH eb 50 mAVCC2 b 1VCC2 b 07
V
VCC3 e VCC2 VIL e 08V IOH eb 10 mA
VCC2 b 23 VCC2 b 18
V
VOL
Low-Level Output Voltage VIH e 2V IOL e 10 mA
015
03
V
VCC3 e 15V to 28V VIH e 2V IOL e 40 mA
025
05
V
VO
Output Clamp Voltage
VI e 0V IOH e 20 mA
VCC2 a 15
V
II
Input Current at Maximum VI e 55V
1mA
Input Voltage
IIH
High-Level Input Current
VI e 24V
A Inputs
40
m
A
E1 and E2 Inputs
80
m
A
IIL
Low-Level Input Current
VI e 04V
A Inputs
b
1
b
16
mA
E1 and E2 Inputs
b
2
b
32
mA
ICC1(H) Supply Current from VCC1 VCC1 e 525V VCC2 e 24V
48
mA
All Outputs High
VCC3 e 28V All Inputs at 0V No Load
ICC2(H) Supply Current from VCC2
b
22
a
025
mA
All Outputs High
b
22
b
32
mA
ICC3(H) Supply Current from VCC3
22
35
mA
All Outputs High
ICC1(L) Supply Current from VCC1 VCC1 e 525V VCC2 e 24V
31
47
mA
All Outputs Low
VCC3 e 28V All Inputs at 5V No Load
ICC2(L) Supply Current from VCC2
3mA
All Outputs Low
ICC3(L) Supply Current from VCC3
16
25
mA
All Outputs Low
ICC2(H) Supply Current from VCC2 VCC1 e 525V VCC2 e 24V
025
mA
All Outputs High
VCC3 e 24V All Inputs at 0V No Load
ICC3(H) Supply Current from VCC3
05
mA
All Outputs High
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com