Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC2G32DP Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74HC2G32DP
Description  Dual 2-input OR gate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G32DP Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74HC2G32DP Datasheet HTML 10Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 11Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 12Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 13Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 14Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 15Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 16Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 17Page - NXP Semiconductors 74HC2G32DP Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
2003 Oct 30
14
Philips Semiconductors
Product specification
Dual 2-input OR gate
74HC2G32; 74HCT2G32
PACKAGE OUTLINES
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.95
0.75
0.38
0.22
0.18
0.08
3.1
2.9
3.1
2.9
0.65
4.1
3.9
0.70
0.35
8
°
0
°
0.13
0.1
0.2
0.5
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.47
0.33
SOT505-2
- - -
02-01-16
w M
bp
D
Z
e
0.25
14
8
5
θ
A2
A1
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm
SOT505-2
1.1
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com