Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS570LS0332PZ Datasheet(PDF) 100 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 100 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 96Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 97Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 98Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 99Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 100Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 101Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 102Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 103Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
8.8
Device Identification Code Register
The device identification code register identifies several aspects of the device including the silicon version.
The details of the device identification code register are shown in Table 8-2. The device identification code
register value for this device is:
•
Rev 0 = 0x8048AD05
•
Rev A = 0x8048AD0D
•
Rev B = 0x8048AD15
Figure 8-2. Device ID Bit Allocation Register
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
CP-15
UNIQUE ID
TECH
R-1
R-00000000100100
R-0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
I/O
PERIPH
RAM
TECH
VOLT
FLASH ECC
VERSION
1
0
1
PARITY
ECC
AGE
R-101
R-0
R-1
R-10
R-1
R-00001
R-1
R-0
R-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-2. Device ID Bit Allocation Register Field Descriptions
BIT
FIELD
VALUE
DESCRIPTION
31
CP15
Indicates the presence of coprocessor 15
1
CP15 present
30-17
UNIQUE ID
100100
Silicon version (revision) bits.
This bit field holds a unique number for a dedicated device configuration (die).
16-13
TECH
Process technology on which the device is manufactured.
0101
F021
12
I/O VOLTAGE
I/O voltage of the device.
0
I/O are 3.3v
11
PERIPHERAL
Peripheral Parity
PARITY
1
Parity on peripheral memories
10-9
FLASH ECC
Flash ECC
10
Program memory with ECC
8
RAM ECC
Indicates if RAM memory ECC is present.
1
ECC implemented
7-3
REVISION
0
Revision of the Device.
2-0
FAMILY ID
101
The platform family ID is always 0b101
8.9
Die Identification Registers
The two die ID registers at addresses 0xFFFFFF7C and 0xFFFFFF80 form a 64-bit die id with the
information as shown in Table 8-3.
Table 8-3. Die-ID Registers
ITEM
NO. OF BITS
BIT LOCATION
X Coord. on Wafer
12
0xFFFFFF7C[11:0]
Y Coord. on Wafer
12
0xFFFFFF7C[23:12]
Wafer #
8
0xFFFFFF7C[31:24]
Lot #
24
0xFFFFFF80[23:0]
Reserved
8
0xFFFFFF80[31:24]
100
Device and Documentation Support
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com