Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS570LS0332PZ Datasheet(PDF) 109 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 109 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 102Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 103Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 104Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 105Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 106Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 107Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 108Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 109Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 110Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 109 / 110 page
background image
MECHANICAL DATA
MTQF013A – OCTOBER 1994 – REVISED DECEMBER 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PZ (S-PQFP-G100)
PLASTIC QUAD FLATPACK
4040149 /B 11/96
50
26
0,13 NOM
Gage Plane
0,25
0,45
0,75
0,05 MIN
0,27
51
25
75
1
12,00 TYP
0,17
76
100
SQ
SQ
15,80
16,20
13,80
1,35
1,45
1,60 MAX
14,20
0
°–7°
Seating Plane
0,08
0,50
M
0,08
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com