Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS570LS0914 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0914
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0914 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS570LS0914 Datasheet HTML 23Page - Texas Instruments TMS570LS0914 Datasheet HTML 24Page - Texas Instruments TMS570LS0914 Datasheet HTML 25Page - Texas Instruments TMS570LS0914 Datasheet HTML 26Page - Texas Instruments TMS570LS0914 Datasheet HTML 27Page - Texas Instruments TMS570LS0914 Datasheet HTML 28Page - Texas Instruments TMS570LS0914 Datasheet HTML 29Page - Texas Instruments TMS570LS0914 Datasheet HTML 30Page - Texas Instruments TMS570LS0914 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 159 page
background image
TMS570LS0914
www.ti.com
SPNS225C – JUNE 2013 – REVISED SEPTEMBER 2015
4.2.2.9
Local Interconnect Network Controller (LIN)
Table 4-28. PZ Local Interconnect Network Controller (LIN)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
TYPE
SIGNAL NAME
100 PZ
STATE
LINRX
94
I/O
Pullup
Programmable, 20 µA
LIN Receive, or GPIO
LINTX
95
LIN Transmit, or GPIO
4.2.2.10 Multibuffered Analog-to-Digital Converter (MibADC)
Table 4-29. PZ Multibuffered Analog-to-Digital Converter (MibADC)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
100
PZ
MibADC1
AD1EVT
58
I/O
Pulldown
Programmable,
ADC1 Event Trigger or GPIO
20 µA
AD1IN[0]
42
Input
–
–
Analog Inputs
AD1IN[1]
49
AD1IN[2]
51
AD1IN[3]
52
AD1IN[4]
54
AD1IN[5]
55
AD1IN[6]
56
AD1IN[7]
43
AD1IN[8]/AD2IN[8]
57
AD1IN[9]/AD2IN[9]
48
AD1IN[10]/AD2IN[10]
50
AD1IN[11]/AD2IN[11]
53
AD1IN[16]/AD2IN[0]
40
AD1IN[17]/AD2IN[1]
41
AD1IN[20]/AD2IN[4]
44
AD1IN[21]/AD2IN[5]
45
ADREFHI/VCCAD
46
Input/
–
–
ADC High Reference Level/ADC Operating
Power
Supply
ADREFLO/VSSAD
47
Input/
–
–
ADC Low Reference Level/ADC Supply Ground
Ground
MIBSPI3SOMI[0]/AWM1_EXT_
34
AWM external analog mux enable
ENA/
ECAP2
MIBSPI3SIMO[0]/AWM1_EXT_
35
AWM external analog mux select line 0
SEL[0]/
ECAP3
MIBSPI3CLK/AWM1_EXT_SEL
36
AWM external analog mux select line1
[1]/
EQEP1A
MibADC2
MIBSPI3nCS[0]/AD2EVT/GIOB[
38
I/O
ADC2 Event Trigger or GPIO
2]/
EQEP1I/N2HET2_PIN_nDIS
Copyright © 2013–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
27
Submit Documentation Feedback
Product Folder Links: TMS570LS0914



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com