Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7490 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7490
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490 Datasheet(HTML) 3 Page - Analog Devices

  AD7490 Datasheet HTML 1Page - Analog Devices AD7490 Datasheet HTML 2Page - Analog Devices AD7490 Datasheet HTML 3Page - Analog Devices AD7490 Datasheet HTML 4Page - Analog Devices AD7490 Datasheet HTML 5Page - Analog Devices AD7490 Datasheet HTML 6Page - Analog Devices AD7490 Datasheet HTML 7Page - Analog Devices AD7490 Datasheet HTML 8Page - Analog Devices AD7490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7490
–3–
REV. A
Parameter
B Version
2
Unit
Test Conditions/Comments
CONVERSION RATE
Conversion Time
800
ns max
16 SCLK Cycles, SCLK = 20 MHz
Track-and-Hold Acquisition Time
3
300
ns max
Sine Wave Input
300
ns max
Full-Scale Step Input
Throughput Rate
1
MSPS max
@ 5 V (See Serial Interface section.)
POWER REQUIREMENTS
VDD
2.7/5.25
V min/max
VDRIVE
2.7/5.25
V min/max
IDD
5
Digital I/Ps = 0 V or VDRIVE
Normal Mode (Static)
600
µA typ
VDD = 2.7 V to 5.25 V, SCLK On or Off
Normal Mode (Operational)
2.5
mA max
VDD = 4.75 V to 5.25 V, fSCLK = 20 MHz
(fS = Max Throughput)
1.8
mA max
VDD = 2.7 V to 3.6 V, fSCLK = 20 MHz
Auto Standby Mode
1.55
mA typ
fSAMPLE = 500 kSPS
92
µA max
Static
Auto Shutdown Mode
960
µA typ
fSAMPLE = 250 kSPS
0.5
µA max
Static
Full Shutdown Mode
0.5
µA max
SCLK On or Off (20 nA typ)
Power Dissipation
5
Normal Mode (Operational)
12.5
mW max
VDD = 5 V, fSCLK = 20 MHz
5.4
mW max
VDD = 3 V, fSCLK = 20 MHz
Auto Standby Mode (Static)
460
µW max
VDD = 5 V
276
µW max
VDD = 3 V
Auto Shutdown Mode (Static)
2.5
µW max
VDD = 5 V
1.5
µW max
VDD = 3 V
Full Shutdown Mode
2.5
µW max
VDD = 5 V
1.5
µW max
VDD = 3 V
NOTES
1Specifications apply for f
SCLK up to 20 MHz. However, for serial interfacing requirements, see Timing Specifications.
2Temperature Ranges (B Version): –40
°C to +85°C.
3See Terminology section.
4Sample tested at 25
°C to ensure compliance.
5See Power Versus Throughput Rate section.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com