Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5471ZHKA Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320VC5471ZHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471ZHKA Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5471ZHKA Datasheet HTML 9Page - Texas Instruments TMS320VC5471ZHKA Datasheet HTML 10Page - Texas Instruments TMS320VC5471ZHKA Datasheet HTML 11Page - Texas Instruments TMS320VC5471ZHKA Datasheet HTML 12Page - Texas Instruments TMS320VC5471ZHKA Datasheet HTML 13Page - Texas Instruments TMS320VC5471ZHKA Datasheet HTML 14Page - Texas Instruments TMS320VC5471ZHKA Datasheet HTML 15Page - Texas Instruments TMS320VC5471ZHKA Datasheet HTML 16Page - Texas Instruments TMS320VC5471ZHKA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
Introduction
3
June 2001 -- Revised December 2002
SPRS180C
4K × 32
RAM
Interrupt
Handler
I2C
10/100
MAC
8K × 16
Prog RAM
8K × 16
Prog RAM
8K × 16
Prog RAM
8K × 16
Prog RAM
C54x™ DSP
ARM7TDMIE
DMA
McBSP
TIMER
McBSP
8K × 16
Data RAM
8K × 16
Prog RAM
API
PLL
Memory I/F
DSPSS
I/F
XIO
Timer
Timer
Watchdog
SPI
Clock
Manager
PLL
4K × 32 RAM
UART
UART/IRDA
GPIO/Keypad
ASYNC,
FLASH,
SDRAM,
etc.
Ethernet
PHY
I2C Device
Keypad
General-
Purpose
I/Os
SPI Device
IRDA
Transceiver
RS232
Transceiver
Clock
Oscillator
External
DSP
Memory
CODEC
CODEC
DSP Subsystem
TMS320VC5471
8K × 16
Data RAM
8K × 16
Data RAM
8K × 16
Data RAM
MCU Subsystem
Figure 2--1. 5471 Functional Block Diagram
C54x is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com