Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7490BCP Datasheet(PDF) 6 Page - Analog Devices

Part # AD7490BCP
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCP Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7490BCP Datasheet HTML 2Page - Analog Devices AD7490BCP Datasheet HTML 3Page - Analog Devices AD7490BCP Datasheet HTML 4Page - Analog Devices AD7490BCP Datasheet HTML 5Page - Analog Devices AD7490BCP Datasheet HTML 6Page - Analog Devices AD7490BCP Datasheet HTML 7Page - Analog Devices AD7490BCP Datasheet HTML 8Page - Analog Devices AD7490BCP Datasheet HTML 9Page - Analog Devices AD7490BCP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
–6–
AD7490
REV. A
28-Lead TSSOP
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the
AD7490 and also frames the serial data transfer.
REFIN
Reference Input for the AD7490. An external reference must be applied to this input. The voltage range
for the external reference is 2.5 V
± 1% for specified performance.
VDD
Power Supply Input. The VDD range for the AD7490 is from 2.7 V to 5.25 V. For the 0 to 2
REFIN
range, VDD should be from 4.75 V to 5.25 V.
AGND
Analog Ground. Ground reference point for all circuitry on the AD7490. All analog/digital input signals
and any external reference signal should be referred to this AGND voltage. All AGND pins should be
connected together.
VIN0–VIN15
Analog Input 0 through Analog Input 15. Sixteen single-ended analog input channels that are multiplexed
into the on-chip track-and-hold. The analog input channel to be converted is selected by using the address
bits ADD3 through ADD0 of the control register. The address bits in conjunction with the SEQ and
SHADOW bits allow the Sequence Register to be programmed. The input range for all input channels can
extend from 0 V to REFIN or 0 V to 2
REFIN as selected via the RANGE bit in the Control Register.
Any unused input channels should be connected to AGND to avoid noise pickup.
DIN
Data In. Logic input. Data to be written to the AD7490’s Control Register is provided on this input and
is clocked into the register on the falling edge of SCLK (see Control Register section).
DOUT
Data Out. Logic output. The conversion result from the AD7490 is provided on this output as a serial
data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream consists
of four address bits indicating which channel the conversion result corresponds to, followed by the 12 bits
of conversion data, which is provided MSB first. The output coding may be selected as straight binary or
twos complement via the CODING Bit in the Control Register.
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock
input is also used as the clock source for the AD7490’s conversion process.
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the serial interface
of the AD7490 will operate.
32-Lead LFCSP
TOP VIEW
(Not to Scale)
NC
AGND
REFIN
VDD
AGND
CS
NC
VIN8
VIN7
VIN6
VIN5
VIN4
VIN3
NC
NC = NO CONNECT
VIN15
AD7490
DIN
9
10
11 12 13 14
15
16
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
32
31 30
29
28 27
26 25
EXPOSED PAD SHOULD BE TIED TO AGND
TOP VIEW
(Not to Scale)
PIN CONFIGURATIONS
*
*ALL NC PINS SHOULD BE CONNECTED STRAIGHT TO AGND
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD7490
NC = NO CONNECT
AGND
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN11
VIN10
VIN9
NC
VIN6
VIN7
VIN8
DOUT
SCLK
VDRIVE
NC
DIN
CS
AGND
VIN12
VIN13
VIN14
VIN15
VDD
REFIN
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com