Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV7022 Datasheet(PDF) 3 Page - Microchip Technology

Part # HV7022
Description  34-Channel Symmetric Row Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7022 Datasheet(HTML) 3 Page - Microchip Technology

  HV7022 Datasheet HTML 1Page - Microchip Technology HV7022 Datasheet HTML 2Page - Microchip Technology HV7022 Datasheet HTML 3Page - Microchip Technology HV7022 Datasheet HTML 4Page - Microchip Technology HV7022 Datasheet HTML 5Page - Microchip Technology HV7022 Datasheet HTML 6Page - Microchip Technology HV7022 Datasheet HTML 7Page - Microchip Technology HV7022 Datasheet HTML 8Page - Microchip Technology HV7022 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
 2016 Microchip Technology Inc.
DS20005428A-page 3
HV7022
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VDD ...................................................................................................................................-0.3V to +15V
Supply voltage, VPP .................................................................................................................................-0.3V to +250V
Logic input levels ............................................................................................................................... -0.3V to VDD+0.3V
Ground current1 ....................................................................................................................................................... 1.5A
Continuous total power dissipation2.................................................................................................................. 1200mW
Operating temperature range.................................................................................................................. -40°C to +85°C
Storage temperature range ................................................................................................................... -65°C to +150°C
1: Duty cycle is limited by the total power dissipated in the package.
2: For operation above 25°C ambient derate linearly to maximum operating temperature at 25 mW/°C.
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS
Recommended Operating Conditions: VPP = 230V, VDD = 12V, TA = 25°C, unless otherwise noted
Symbol
Parameter
Min
Max
Units Conditions
DC Characteristics
IDD
VDD supply current
-
10
mA
fCLK= 4.0MHz, VDD=13.2V
IPP
VPP supply current
-
4.0
mA
One output high (Note 1)
-
100
µA
All outputs low or High-Z
-
750
All outputs low or High-Z (125°C)
IDDQ
Quiescent VDD supply current
-
100
µA
All VIN= GND or VDD
VOH
High-level output
HVOUT
195
-
V
IO= -70mA
DATA OUT
11
-
V
IO= -500µA
VOL
Low-level output
HVOUT
-30
V
IO= +70mA
DATA OUT
-
1.0
V
IO= +500µA
IIH
High-level logic input current
-
1.0
µA
VIH= 12V
IIL
Low-level logic input current
-
-1.0
µA
VIL= 0V
AC Characteristics
fCLK
Clock frequency
-
4.0
MHz
tWH,tWL
Pulse duration clock width high or low
125
-
ns
tSUD
Data set-up time before falling clock
100
-
ns
tHD
Data hold time after falling clock
100
-
ns
tSUC
Setup time clock low before VPP↑ or
GND↓
300
-
ns
tSUE
Setup time enable high before VPP
or GND↓
300
-
ns
tSUP
Setup time polarity high or low before
VPP↑ or GND↓
300
-
ns
tHC
Hold time clock high after VPP↑ or
GND↓
500
-
ns
tHE
Hold time enable high after VPP↑ or
GND↓
300
-
ns
tHP
Hold time polarity high or low after
VPP↑ or GND↓
300
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com