Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV5408 Datasheet(PDF) 9 Page - Microchip Technology

Part # HV5408
Description  32-Channel, Serial-to-Parallel Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV5408 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HV5408 Datasheet HTML 5Page - Microchip Technology HV5408 Datasheet HTML 6Page - Microchip Technology HV5408 Datasheet HTML 7Page - Microchip Technology HV5408 Datasheet HTML 8Page - Microchip Technology HV5408 Datasheet HTML 9Page - Microchip Technology HV5408 Datasheet HTML 10Page - Microchip Technology HV5408 Datasheet HTML 11Page - Microchip Technology HV5408 Datasheet HTML 12Page - Microchip Technology HV5408 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
 2015 Microchip Technology Inc.
DS20005425A-page 9
HV5308 / HV5408
3.0
FUNCTIONAL DESCRIPTION
Table 3-1 provides functional information about
HV5308 / HV5408.
Note:
H = High level, L = Low level, ↑ = Low-to-
High transition
Note:
H = High level, L = Low level, X= Don’t Care
3.1
Power-Up and Recommended
Operating Conditions
To power-up HV5308 / HV5408, perform the following
power-up sequence:
1.
Connect ground
2.
Apply VDD
3.
Set all inputs (Data, CLK, LE, etc.) to a known
state
4.
Apply VPP
5.
The VPP should not fall below VDD or float during
operation.
To power-down the device, reverse the steps above.
FIGURE 3-1:
Input and Output Equivalent Circuits
TABLE 3-1:
FUNCTIONAL TABLE CLK
DATA IN
CLK
DATA OUT
H
↑
H
L
↑
L
XNo ↑
No change
TABLE 3-2:
FUNCTIONAL TABLE LE, OE
DATA IN
LE
OE
HVOUT
X
X
L
All HVOUT= Low
X
L
H
Previous latched data
HH
H
H
LH
H
L
TABLE 3-3:
RECOMMENDED OPERATING CONDITIONS (-40°C to 85°C)
Symbol
Parameter
Min
Max
Units
VDD
Logic voltage supply
10.8
13.2
V
VPP
High voltage supply
8.0
80
V
VIH
Input high voltage
VDD- 2.0
VDD
V
VIL
Input low voltage
0
2.0
V
fCLK
Clock frequency
0
8.0
MHz
VDD
DATA
INPUT
GND
VPP
GND
HV
OUT
Logic Inputs
GND
DATA OUT
Logic Data Output
High Voltage Outputs
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com