Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2221AT-I/ML Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP2221AT-I/ML
Description  USB 2.0 to I2C/UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221AT-I/ML Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP2221AT-I/ML Datasheet HTML 50Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 51Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 52Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 53Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 54Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 55Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 56Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 57Page - Microchip Technology MCP2221AT-I/ML Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
MCP2221A
DS20005565A-page 54
 2016 Microchip Technology Inc.
7Bit 7
Don’t
care
Bit 6: Interrupt detection – negative
edge
If set, the interrupt detection flag will be set when a
negative edge occurs
Bit 5: Interrupt detection – positive edge
If set, the interrupt detection flag will be set when a
positive edge occurs
Bit 4-3: ADC Reference Voltage
11
Reference voltage is 4.096V (only if VDD is above this
voltage)
10
Reference voltage is 2.048V
01
Reference voltage is 1.024V
00
Reference voltage is off (this is useful for the case in
which the ADC uses other reference than VRM DAC;
e.g., VDD)
Bit 2: ADC Reference Option
1
ADC reference is VRM ADC
0
ADC reference is VDD
Bit 1
Don’t
care
Bit 2
Don’t
care
8
Lower byte of the 16-bit USB VID value
9
Higher byte of the 16-bit USB VID value
10
Lower byte of the 16-bit USB PID value
11
Higher byte of the 16-bit USB PID value
12
USB power attributes
This value will be used by the MCP2221A’s USB
Configuration Descriptor (power attributes value) during
the USB enumeration
13
USB requested number of mA(s)
The requested mA value during the USB enumeration
will represent the value at this index multiplied by 2
14
Current supplied-password byte 1
15
Current supplied-password byte 2
16
Current supplied-password byte 3
17
Current supplied-password byte 4
18
Current supplied-password byte 5
19
Current supplied-password byte 6
20
Current supplied-password byte 7
21
Current supplied-password byte 8
TABLE 3-39:
RESPONSE 1 STRUCTURE (CONTINUED)
Byte
Index
Function Description
Value
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com