Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050-E/SL Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2050-E/SL
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050-E/SL Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2050-E/SL Datasheet HTML 2Page - Microchip Technology MCP2050-E/SL Datasheet HTML 3Page - Microchip Technology MCP2050-E/SL Datasheet HTML 4Page - Microchip Technology MCP2050-E/SL Datasheet HTML 5Page - Microchip Technology MCP2050-E/SL Datasheet HTML 6Page - Microchip Technology MCP2050-E/SL Datasheet HTML 7Page - Microchip Technology MCP2050-E/SL Datasheet HTML 8Page - Microchip Technology MCP2050-E/SL Datasheet HTML 9Page - Microchip Technology MCP2050-E/SL Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MCP2050
DS20002299C-page 6
 2012-2014 Microchip Technology Inc.
1.2.2
WINDOWED WATCHDOG
BEHAVIOR
After windowed watchdog begins its normal behavior,
three different cases can appear.
• A pulse (falling edge) on the WWDTTRIG pin is
detected within the trigger window; the watchdog
timer will be reset, and a new watchdog period will
begin;WWDTRESETpinremainshigh(Figure 1-3.)
• A pulse (falling edge) on the WWDTTRIG pin is
detected before the trigger window (too early trig-
ger); WWDTRESET is asserted (low) immediately
after the falling edge is detected for approximately
tWDRST; the counter is reset and the next watchdog
period begins at the rising edge of the voltage on
WWDTRESET pin (Figure 1-12).
• No pulse on the WWDTTRIG pin is detected
during the whole watchdog window (no trigger);
WWDTRESET is asserted (low) for approximately
tWDRST when the timer has expired; the counter is
reset and the next watchdog period begins at the
rising edge of the voltage on WWDTRESET pin
(Figure 1-5).
The trigger window is between 50% to 100% of the
watchdog window length, tWLENGTH. The window
length is determined by the external resistor between
WWDTSELECT pin and VSS.
EQUATION 1-1:
tWDRST = 150 μs typical
RWWDTSELECT is in kΩ; its value ranges from 33 kΩ to
680 kΩ and window length ranges from 7 ms to 120 ms
typical.
If the WWDTSELECT pin is floating, the watchdog is
disabled and the WWDTRESET remains high.
FIGURE 1-3:
CORRECT TRIGGER
tWLENGTH = (0.175 ms × RWWDTSELECT) + 1.2 typical
Too early
Trigger window
Window length
50%
Earliest trigger point
Lastest trigger point
Next period
Too early
Trigger window
Window length
50%
New period begins
WWDTTRIG
WWDTRESET
1
0
1
TWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com