Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050T-E/SL Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2050T-E/SL
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050T-E/SL Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2050T-E/SL Datasheet HTML 4Page - Microchip Technology MCP2050T-E/SL Datasheet HTML 5Page - Microchip Technology MCP2050T-E/SL Datasheet HTML 6Page - Microchip Technology MCP2050T-E/SL Datasheet HTML 7Page - Microchip Technology MCP2050T-E/SL Datasheet HTML 8Page - Microchip Technology MCP2050T-E/SL Datasheet HTML 9Page - Microchip Technology MCP2050T-E/SL Datasheet HTML 10Page - Microchip Technology MCP2050T-E/SL Datasheet HTML 11Page - Microchip Technology MCP2050T-E/SL Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MCP2050
DS20002299C-page 8
 2012-2014 Microchip Technology Inc.
1.3
Pin Descriptions
Please refer to Table 1-2 for the pinout overview.
TABLE 1-2:
PINOUT DESCRIPTIONS
1.3.1
VBATRATIO
This is an analog output pin that reflects the voltage at
the
VBAT pin. It is scaled by VREG such that:
VBATRATIO = VBAT/24 × VREG
0 <= VBATRATIO <= VREG
The resistive divider and the output driver are switched
off during Power-Down mode in order to reduce power
consumption.
1.3.2
RXD
Receive Data Output pin. The RXD pin is a standard
CMOS output pin and it follows the state of the LBUS pin.
1.3.3
CS/LWAKE
Chip Select and Local Wake-Up Input pin (TTL level,
high voltage tolerant). This pin controls the device state
transition. Refer to Figure 1-1.
If CS/LWAKE = 1, the device can work in Operation
mode (FAULT/TXE = 1) or Transmitter Off mode
(FAULT/TXE = 0).
If CS/LWAKE = 0, the device can work in Power-Down
mode or Ready mode.
An internal pull-down resistor will keep the CS/LWAKE
pin low to ensure that no disruptive data will be present
on the bus while the microcontroller is executing a
Power-on Reset and I/O initialization sequence. When
CS/LWAKE is ‘1’, a weak pull-down (~600 kΩ) is used
to reduce current. When CS/LWAKE is ‘0’ a stronger
pull-down (~300 kΩ) is used to maintain the logic level.
This pin may also be used as a local wake-up input
(see Figure 1-12). The microcontroller will set the I/O
pin to control the CS/LWAKE. An external switch, or
other source, can then wake-up both the transceiver
and the microcontroller.
PIN Name
Devices
PIN Type
Function
14-Pin
PDIP, SOIC
5 x 5 QFN
Normal Operation
VBATRATIO
1
18
Analog Output
VBATRATIO = VBAT/24 × VREG
RXD
2
1
Output
Receive Data Output
CS/LWAKE
3
2
TTL Input, HV-tolerant Chip Select and Local Wake-up Input
VREG
4
3
Output
Voltage Regulator Output
TXD
5
4
Input, HV-tolerant
Transmit Data Input
RESET
6
5
Output
Reset Output
NC
7
6,9,10,11,
16,19,20
Not Connected
—
VSS
8
8
Power
Ground
LBUS
97
I/O, HV
LIN Bus
VBB
10
12
Power
Battery
FAULT/TXE
11
13
I/O, HV-tolerant
Fault Detect Output/Transmitter Enable Input
WWDTSELECT
12
14
Input
A Resistor between this pin and Ground
determines the Watchdog Window length
WWDTTRIG
13
15
Input
Windowed Watchdog Trigger Input
WWDTRESET
14
17
Output, HV-tolerant
Windowed Watchdog Reset Output
EP
—
21
Exposed Thermal Pad
(EP)
Exposed Thermal Pad can be left unconnected,
or connected to the ground.
Note:
CS/LWAKE should NOT be tied directly to
pin VREG as this could force the
MCP2050 into Operation Mode before the
microcontroller is initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com