Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2025-500E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2025-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025-500E/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP2025-500E/P Datasheet HTML 1Page - Microchip Technology MCP2025-500E/P Datasheet HTML 2Page - Microchip Technology MCP2025-500E/P Datasheet HTML 3Page - Microchip Technology MCP2025-500E/P Datasheet HTML 4Page - Microchip Technology MCP2025-500E/P Datasheet HTML 5Page - Microchip Technology MCP2025-500E/P Datasheet HTML 6Page - Microchip Technology MCP2025-500E/P Datasheet HTML 7Page - Microchip Technology MCP2025-500E/P Datasheet HTML 8Page - Microchip Technology MCP2025-500E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2012-2014 Microchip Technology Inc.
DS20002306B-page 1
MCP2025
Features:
• Compliant with LIN Bus Specifications Version
1.3, 2.1 and with SAE J2602-2
• Supports Baud Rates up to 20 kBaud
• 43V Load Dump Protected
• Maximum Continuous Input Voltage: 30V
• Wide LIN-Compliant Supply Voltage: 6.0-18.0V
• Extended Temperature Range: -40°C to +125°C
• Interface to PIC® EUSART and Standard USARTs
• Wake-Up on LIN Bus Activity or Local Wake Input
• Local Interconnect Network (LIN) Bus Pin:
- Internal Pull-Up Termination Resistor and
Diode for Slave Node
- Protected Against VBAT Shorts
- Protected Against Loss of Ground
- High-Current Drive
•TXD and LIN Bus Dominant Time-Out Function
• Two Low-Power Modes:
- Transmitter Off: 90 µA (typical)
- Power Down: 4.5 µA (typical)
• MCP2025 On-Chip Voltage Regulator:
- Output Voltage of 5.0V or 3.3V
at 70 mA Capability with Tolerances of ±3%
Over the Temperature Range
- Internal Short-Circuit Current Limit
- External Components Limited to Filter
Capacitor and Load Capacitor
• Automatic Thermal Shutdown
• High Electromagnetic Immunity (EMI), Low
Electromagnetic Emission (EME)
• Robust ESD Performance: ±15 kV for LBUS and
VBB Pin (IEC61000-4-2)
• Transient Protection for LBUS and VBB pins in
Automotive Environment (ISO7637)
• Meets Stringent Automotive Design Requirements,
including “OEM Hardware Requirements for LIN,
CAN and FlexRay Interfaces in Automotive
Applications”, Version 1.3, May 2012
• Multiple Package Options, Including Small
4x4 mm DFN Package
Description:
The MCP2025 provides a bidirectional, half-duplex
communication physical interface to meet the LIN bus
specification Revision 2.1 and SAE J2602-2. The
device incorporates a voltage regulator with 5V or 3.3V
at 70 mA regulated power supply output. The device
has been designed to meet the stringent quiescent
current requirements of the automotive industry, and
will survive +43V load dump transients and double
battery jumps.
The MCP2025 family members include:
- MCP2025-500, 8-pin, LIN driver with 5.0V
regulator
- MCP2025-330, 8-pin, LIN driver with 3.3V
regulator
Package Types
MCP2025
PDIP, SOIC
VSS
CS/LWAKE
LBUS
1
2
3
4
8
7
6
5
VBB
VREG
RESET
TXD
RXD
MCP2025
4x4 DFN
1
2
3
4
8
7
6
5
EP
9
VSS
CS/LWAKE
LBUS
VBB
VREG
RESET
TXD
RXD
LIN Transceiver with Voltage Regulator


Similar Part No. - MCP2025-500E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2025-500E/P MICROCHIP-MCP2025-500E/P Datasheet
1Mb / 36P
LIN Transceiver with Voltage Regulator
2012
MCP2025-500E/P MICROCHIP-MCP2025-500E/P Datasheet
1Mb / 38P
LIN Transceiver with Voltage Regulator
August 2014
More results

Similar Description - MCP2025-500E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
logo
Microchip Technology
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
2009
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
LIN Transceiver with Voltage Regulator
2005-2012
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
LIN Transceiver with Voltage Regulator
03/25/14
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com