Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2025-500E/SN Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP2025-500E/SN
Description  LIN Transceiver with Voltage Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025-500E/SN Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP2025-500E/SN Datasheet HTML 17Page - Microchip Technology MCP2025-500E/SN Datasheet HTML 18Page - Microchip Technology MCP2025-500E/SN Datasheet HTML 19Page - Microchip Technology MCP2025-500E/SN Datasheet HTML 20Page - Microchip Technology MCP2025-500E/SN Datasheet HTML 21Page - Microchip Technology MCP2025-500E/SN Datasheet HTML 22Page - Microchip Technology MCP2025-500E/SN Datasheet HTML 23Page - Microchip Technology MCP2025-500E/SN Datasheet HTML 24Page - Microchip Technology MCP2025-500E/SN Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
 2012-2014 Microchip Technology Inc.
DS20002306B-page 21
MCP2025
2.6
Typical Performance Curves
Note:
Unless otherwise indicated, VBB = 6.0V to 18.0V; TA = -40°C to +125°C.
FIGURE 2-2:
Typical IBBQ vs.
Temperature – 5.0V.
FIGURE 2-3:
IBBQ Transmitter-Off vs.
Temperature – 5.0V.
FIGURE 2-4:
IBBQ Power-Down vs.
Temperature – 5.0V.
FIGURE 2-5:
Typical IBBQ vs.
Temperature – 3.3V.
FIGURE 2-6:
IBBQ Transmitter-Off vs.
Temperature – 3.3V.
FIGURE 2-7:
IBBQ Power-Down vs.
Temperature – 3.3V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
20
40
60
80
100
120
140
160
180
-45
-10
25
90
130
Temperature ( C)
VBB = 18V
VBB = 6V
VBB = 12V
0
10
20
30
40
50
60
70
80
-45
-10
25
90
130
Temperature ( C)
VBB = 18V
VBB = 6V
VBB = 12V
0
1
2
3
4
5
6
-45
-10
25
90
130
Temperature ( C)
VBB = 18V
VBB = 6V
VBB =
12V
0
20
40
60
80
100
120
140
160
180
200
-45
-10
25
90
130
Temperature ( C)
VBB = 6V
VBB = 12V
VBB = 18V
0
10
20
30
40
50
60
70
80
90
-45
-10
25
90
130
Temperature ( C)
VBB = 6V
VBB = 18V
VBB = 12V
0
1
2
3
4
5
6
-45
-10
25
90
130
Temperature ( C)
VBB = 6V
VBB = 18V
VBB = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com