Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1726 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1726
Description  1A, Low-Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1726_14 Datasheet HTML 17Page - Microchip Technology MCP1726_14 Datasheet HTML 18Page - Microchip Technology MCP1726_14 Datasheet HTML 19Page - Microchip Technology MCP1726_14 Datasheet HTML 20Page - Microchip Technology MCP1726_14 Datasheet HTML 21Page - Microchip Technology MCP1726_14 Datasheet HTML 22Page - Microchip Technology MCP1726_14 Datasheet HTML 23Page - Microchip Technology MCP1726_14 Datasheet HTML 24Page - Microchip Technology MCP1726_14 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2005-2014 Microchip Technology Inc.
DS20001936D-page 21
MCP1726
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
NNN
8-Lead DFN (3x3x0.9 mm)
Example
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Voltage
Option
Code
0.8V
CAAA
1.2V
CAAB
1.8V
CAAC
2.5V
CAAD
3.0V
CAAE
3.3V
CAAF
5.0V
CAAG
Adj
AADJ
CAAA
E438
256
8-Lead SOIC (3.90 mm)
Example
1726ADJE
SN ^^1438
256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com