Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2003A-E/MD Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2003A-E/MD
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003A-E/MD Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2003A-E/MD Datasheet HTML 11Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 12Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 13Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 14Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 15Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 16Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 17Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 18Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
 2010-2014 Microchip Technology Inc.
DS20002230F-page 15
MCP2003/4/3A/4A
2.4
AC Specifications
AC Characteristics
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for
VBB = 6.0V to 27.0V; TA = -40°C to +125°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Bus Interface – Constant Slope Time Parameters
Slope Rising and Falling Edges
tSLOPE
3.5
—
22.5
µs
7.3V <= VBB <= 18V
Propagation Delay of
Transmitter
tTRANSPD
——
4.0
µs
tTRANSPD = max (tTRANSPDR or
tTRANSPDF)
Propagation Delay of Receiver
tRECPD
——
6.0
µs
tRECPD = max (tRECPDR or tRECPDF)
Symmetry of Propagation
Delay of Receiver Rising Edge
w.r.t. Falling Edge
tRECSYM
-2.0
—
2.0
µs
tRECSYM = max (tRECPDF – tRECPDR)
RRXD 2.4
 to VCC, CRXD 20 pF
Symmetry of Propagation
Delay of Transmitter Rising
Edge w.r.t. Falling Edge
tTRANSSYM
-2.0
—
2.0
µs
tTRANSSYM = max (tTRANSPDF -
tTRANSPDR)
Time to Sample of FAULT/TXE
for Bus Conflict Reporting
tFAULT
——
32.5
µs
tFAULT = max (tTRANSPD + tSLOPE +
tRECPD)
Duty Cycle 1 @20.0 kbit/sec
0.396
—
—
—
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 | 10 nF; 500
THREC(MAX) = 0.744 x VBB,
THDOM(MAX) = 0.581 x VBB,
VBB =7.0V – 18V; tBIT = 50 µs
D1 = tBUS_REC(MIN)/2 x tBIT)
Duty Cycle 2 @20.0 kbit/sec
—
—
0.581
—
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 | 10 nF; 500
THREC(MAX) = 0.284 x VBB,
THDOM(MAX) = 0.422 x VBB,
VBB =7.6V – 18V; tBIT = 50 µs
D2 = tBUS_REC(MAX)/2 x tBIT)
Duty Cycle 3 @10.4 kbit/sec
0.417
—
—
—
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 | 10 nF; 500
THREC(MAX) = 0.778 x VBB,
THDOM(MAX) = 0.616 x VBB,
VBB =7.0V – 18V; tBIT = 96 µs
D3 = tBUS_REC(MIN)/2 x tBIT)
Duty Cycle 4 @10.4 kbit/sec
—
—
0.590
—
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 | 10 nF; 500
THREC(max) = 0.251 x VBB,
THDOM(MAX) = 0.389 x VBB,
VBB =7.6V – 18V; tBIT = 96 µs
D4 = tBUS_REC(MAX)/2 x tBIT)
Wake-up Timing
Bus Activity Debounce time
tBDB
5
—
20
µs
MCP2003/2004
30
70
125
µs
MCP2003A/2004A
Bus Activity to VREN on
tBACTVE
35
—
150
µs
MCP2003/2004
10
30
90
µs
MCP2003A/2004A
WAKE to VREN on
tWAKE
——
150
µs
Chip Select to VREN on
tCSOR
——
150
µs
VREN floating
Chip Select to VREN off
tCSPD
—
—
80
µs
VREN floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com