Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2003BT-H/MF Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP2003BT-H/MF
Description  LIN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003BT-H/MF Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP2003BT-H/MF Datasheet HTML 6Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 7Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 8Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 9Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 10Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 11Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 12Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 13Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MCP2003B
DS20005463C-page 10
 2015-2016 Microchip Technology Inc.
2.2
Nomenclature Used in This Document
Some terms and names used in this data sheet deviate from those referred to in the LIN specifications. Equivalent
values are shown in Table 2-1.
TABLE 2-1:
EQUIVALENT VALUES
LIN specifications Name
Term used in the following tables
Definition
VBAT
not used
ECU operating voltage
VSUP
VBB
Supply voltage at device pin
IBUS_LIM
ISC
Current Limit of driver
VBUSREC
VIH(LBUS)
Recessive state
VBUSDOM
VIL(LBUS)
Dominant state
2.3
DC Specifications
DC Specifications
Electrical Characteristics: Unless otherwise indicated, all limits are specified for
VBB = 5.5V to 30.0V
Extended (E): TA = -40°C to +125°C
High (H): TA = -40°C to +150°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Power
VBB Quiescent Operating
Current
IBBQ
—
65
150
µA
Operating Mode,
bus recessive
——
160
µA
VBB > 18V
VBB Transmitter-off Current
IBBTO
—
60
120
µA
Transmitter off,
bus recessive
——
130
µA
VBB > 18V
VBB Power-Down Current
IBBPD
—6
15
µA
——
20
µA
VBB > 18V
—
14
20
µA
LIN bus shorted to GND
VLIN =0V, VBB < 12V
VBB Current
with VSS Floating
IBBNOGND
-1
—
1
mA
VBB = 12V, GND to VBB,
VLIN = 0-27V
VBB Undervoltage
Threshold (switching from
Operation mode to TOFF
and VREN OFF)
VBBUV_FALL
3.8
4
4.4
V
VBB falling (Note 3)
VBB Undervoltage
Recovery Threshold
(switching from POR to
Ready mode)
VBBUV_RISE
5.5
5.6
6.0
V
VBB rising (Note 3)
Microcontroller Interface
High-Level Input Voltage
(TXD)
VIH
2.0
—
30
V
Low-Level Input Voltage
(TXD)
VIL
-0.3
—
0.8
V
High-Level Input Current
(TXD)
IIH
-5
—
—
µA
Input voltage = 4.0V
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0
, TX = 0.4 VREG, VLBUS = VBB).
2:
Node has to sustain the current that can flow under this condition; bus must be operational under this
condition.
3:
Characterized; not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com