Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1804T-1802I/MB Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1804T-1802I/MB
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804T-1802I/MB Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1804T-1802I/MB Datasheet HTML 17Page - Microchip Technology MCP1804T-1802I/MB Datasheet HTML 18Page - Microchip Technology MCP1804T-1802I/MB Datasheet HTML 19Page - Microchip Technology MCP1804T-1802I/MB Datasheet HTML 20Page - Microchip Technology MCP1804T-1802I/MB Datasheet HTML 21Page - Microchip Technology MCP1804T-1802I/MB Datasheet HTML 22Page - Microchip Technology MCP1804T-1802I/MB Datasheet HTML 23Page - Microchip Technology MCP1804T-1802I/MB Datasheet HTML 24Page - Microchip Technology MCP1804T-1802I/MB Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2009-2013 Microchip Technology Inc.
DS20002200D-page 21
MCP1804
6.0
APPLICATION CIRCUITS AND
ISSUES
6.1
Typical Application
The MCP1804 is most commonly used as a voltage
regulator. Its low quiescent current and wide input
voltage make it ideal for Li-Ion and 12V battery-
powered applications.
FIGURE 6-1:
Typical Application Circuit.
6.1.1
APPLICATION INPUT CONDITIONS
6.2
Power Calculations
6.2.1
POWER DISSIPATION
The internal power dissipation of the MCP1804 is a
function of input voltage, output voltage and output
current. The power dissipation resulting from the
quiescent current draw is so low it is insignificant
(50.0 µA x VIN). The following equation can be used to
calculate the internal power dissipation of the LDO.
EQUATION 6-1:
The maximum continuous operating temperature
specified for the MCP1804 is +85°C. To estimate the
internal junction temperature of the MCP1804, the total
internal power dissipation is multiplied by the thermal
resistance from junction to ambient (R
JA). The thermal
resistance from junction to ambient for the SOT-23 pin
package is estimated at 256°C/W.
EQUATION 6-2:
The maximum power dissipation capability for a
package can be calculated given the junction-
to-ambient thermal resistance and the maximum
ambient temperature for the application. The following
equation can be used to determine the package
maximum internal power dissipation.
EQUATION 6-3:
EQUATION 6-4:
EQUATION 6-5:
Package Type
= SOT-23
Input Voltage Range
= 3.8V to 4.2V
VIN maximum
= 4.6V
VOUT typical
= 1.8V
IOUT
= 50 mA maximum
GND
VOUT
VIN
CIN
1µF
COUT
1µF Ceramic
VOUT
VIN
4.2V
1.8V
IOUT
50 mA
Ceramic
SHDN
NC
PLDO
VIN MAX

VOUT MIN

–
 I
OUT
=
Where:
PLDO = Internal power dissipation of the LDO
Pass device
VIN(MAX) = Maximum input voltage
VOUT(MIN) = Minimum output voltage of the LDO
TJMAX

PTOTAL RJA
TAMAX

+
=
Where:
TJ(MAX) = Maximum continuous junction
temperature
PTOTAL = Total power dissipation of the device
R
JA = Thermal resistance from junction to
ambient
TA(MAX) =
Maximum ambient temperature
PDMAX

TJMAX

TAMAX

–

R
JA
---------------------------------------------------
=
Where:
PD(MAX) = Maximum power dissipation of the
device
TJ(MAX) = Maximum continuous junction
temperature
TA(MAX) = Maximum ambient temperature
R
JA = Thermal resistance from junction to
ambient
TJRISE

PDMAX

R
JA
=
Where:
TJ(RISE) = Rise in the device’s junction
temperature over the ambient
temperature
PD(MAX) = Maximum power dissipation of the
device
R
JA = Thermal resistance from junction to
ambient
TJ
TJRISE

TA
+
=
Where:
TJ = Junction Temperature
TJ(RISE) = Rise in the device’s junction
temperature over the ambient
temperature
TA = Ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com