Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1804T-2502I/MB Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1804T-2502I/MB
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804T-2502I/MB Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1804T-2502I/MB Datasheet HTML 9Page - Microchip Technology MCP1804T-2502I/MB Datasheet HTML 10Page - Microchip Technology MCP1804T-2502I/MB Datasheet HTML 11Page - Microchip Technology MCP1804T-2502I/MB Datasheet HTML 12Page - Microchip Technology MCP1804T-2502I/MB Datasheet HTML 13Page - Microchip Technology MCP1804T-2502I/MB Datasheet HTML 14Page - Microchip Technology MCP1804T-2502I/MB Datasheet HTML 15Page - Microchip Technology MCP1804T-2502I/MB Datasheet HTML 16Page - Microchip Technology MCP1804T-2502I/MB Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2009-2013 Microchip Technology Inc.
DS20002200D-page 13
MCP1804
Note: Unless otherwise indicated: COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), TA =+25°C,
VIN =VR +2.0V.
FIGURE 2-43:
SHDN Response.
FIGURE 2-44:
SHDN Response.
FIGURE 2-45:
SHDN Response.
FIGURE 2-46:
PSRR 3.3V @ 1 mA.
FIGURE 2-47:
PSRR 5.0V @ 1 mA.
FIGURE 2-48:
PSRR 12.0V @ 1 mA.
3
4
5
6
7
8
2
0
2
4
6
8
V
OUT
SHDN
0
1
2
3
-8
-6
-4
-2
Time (1 ms/div)
V
R = 3.3V
I
OUT = 30 mA
3
4
5
6
7
8
2
0
2
4
6
8
V
OUT
SHDN
0
1
2
3
-8
-6
-4
-2
Time (1 ms/div)
V
R = 5V
I
OUT = 30 mA
9
12
15
18
0
5
10
15
V
OUT
SHDN
0
3
6
-15
-10
-5
Time (1 ms/div)
V
R = 12V
I
OUT = 30 mA
30
40
50
60
70
80
90
V
OUT = 3.3V
C
IN = 0
I
OUT = 1 mA
V
IN_AC = 0.5Vpk-pk
0
10
20
30
0.01
0.1
1
10
100
Frequency (kHz)
30
40
50
60
70
80
90
V
OUT = 5V
C
IN = 0
I
OUT = 1 mA
V
IN_AC = 0.5Vpk-pk
0
10
20
30
0.01
0.1
1
10
100
Frequency (kHz)
30
40
50
60
70
80
90
V
OUT = 12V
C
IN = 0
I
OUT = 1 mA
V
IN_AC = 0.5Vpk-pk
0
10
20
30
0.01
0.1
1
10
100
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com