Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1804T-5002I/MB Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1804T-5002I/MB
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804T-5002I/MB Datasheet(HTML) 4 Page - Microchip Technology

  MCP1804T-5002I/MB Datasheet HTML 1Page - Microchip Technology MCP1804T-5002I/MB Datasheet HTML 2Page - Microchip Technology MCP1804T-5002I/MB Datasheet HTML 3Page - Microchip Technology MCP1804T-5002I/MB Datasheet HTML 4Page - Microchip Technology MCP1804T-5002I/MB Datasheet HTML 5Page - Microchip Technology MCP1804T-5002I/MB Datasheet HTML 6Page - Microchip Technology MCP1804T-5002I/MB Datasheet HTML 7Page - Microchip Technology MCP1804T-5002I/MB Datasheet HTML 8Page - Microchip Technology MCP1804T-5002I/MB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MCP1804
DS20002200D-page 4
 2009-2013 Microchip Technology Inc.
Line Regulation
VOUT/(VOUT-
X
VIN)
—(VR +2V)  VIN  28V, Note 1
—
0.05
0.10
%/V
IOUT =5 mA
—
0.15
0.30
%/V
IOUT =13 mA
Load Regulation
VOUT/VOUT
—IL = 1.0 mA to 50 mA, Note 4
—50
90
mV
1.8V
 VOUT  5.0V
—
110
175
mV
5.1V
 VOUT  12.0V
—
180
275
mV
12.1V
 VOUT  18.0V
Dropout Voltage
Note 1, Note 5
VDROPOUT
—IL =20 mA
—
550
710
mV
1.8V
 VR  1.9V
—
450
600
mV
2.0V
 VR  2.1V
—
390
520
mV
2.2V
 VR  2.4V
—
310
450
mV
2.5V
 VR  2.9V
—
260
360
mV
3.0V
 VR  3.9V
—
220
320
mV
4.0V
 VR  4.9V
—
190
280
mV
5.0V
 VR  6.4V
—
170
230
mV
6.5V
 VR  8.0V
—
130
190
mV
8.1V
 VR  10.0V
—
120
170
mV
10.1V
 VR  18.0V
—IL =100 mA
—
2200
2700
mV
1.8V
 VR  1.9V
—
1900
2600
mV
2.0V
 VR  2.1V
—
1700
2200
mV
2.2V
 VR  2.4V
—
1500
1900
mV
2.5V
 VR  2.9V
—
1300
1700
mV
3.0V
 VR  3.9V
—
1100
1500
mV
4.0V
 VR  4.9V
—
1000
1300
mV
5.0V
 VR  6.4V
—
800
1150
mV
6.5V
 VR  8.0V
—
700
950
mV
8.1V
 VR  10.0V
—
650
850
mV
10.1V
 VR  18.0V
SHDN “H” Voltage
VSHDN_H
1.1
—
VIN
VVIN = 28V
SHDN “L” Voltage
VSHDN_L
0—
0.35
V
VIN =28V
SHDN Current
ISHDN
-0.1
—
0.1
µA
VIN =28V, VSHDN = GND or
VIN
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits are established for VIN =VR +2.0V, Note 1,
COUT = 1 µF (X7R), CIN = 1 µF (X7R), VSHDN =VIN, TA =+25°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
The minimum VIN must meet one condition: VIN  (VR +2.0V).
2:
VR is the nominal regulator output voltage with an input voltage of VIN =VR +2.0V.
For example: VR = 1.8V, 2.5V, 3.0V, 3.3V, etc.
3:
TCVOUT =(VOUT-HIGH -VOUT-LOW)*106 / (VR * Temperature), VOUT-HIGH = highest voltage measured
over the temperature range. VOUT-LOW = lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty cycle pulse testing.
Changes in output voltage due to heating effects are determined using thermal regulation specification
TCVOUT.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
measured value with an applied input voltage of VR +2.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com