Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1640-ICHY Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1640-ICHY
Description  0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640-ICHY Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1640-ICHY Datasheet HTML 17Page - Microchip Technology MCP1640-ICHY Datasheet HTML 18Page - Microchip Technology MCP1640-ICHY Datasheet HTML 19Page - Microchip Technology MCP1640-ICHY Datasheet HTML 20Page - Microchip Technology MCP1640-ICHY Datasheet HTML 21Page - Microchip Technology MCP1640-ICHY Datasheet HTML 22Page - Microchip Technology MCP1640-ICHY Datasheet HTML 23Page - Microchip Technology MCP1640-ICHY Datasheet HTML 24Page - Microchip Technology MCP1640-ICHY Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2010-2015 Microchip Technology Inc.
DS20002234D-page 21
MCP1640/B/C/D
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Example
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
6-Lead SOT-23
Example
8-Lead DFN
Part Number
Code
MCP1640T-I/CHY
BZNN
MCP1640BT-I/CHY
BWNN
MCP1640CT-I/CHY
BXNN
MCP1640DT-I/CHY
BYNN
BZ25
Part Number
Code
MCP1640-I/MC
AHM
MCP1640T-I/MC
AHM
MCP1640B-I/MC
AHP
MCP1640BT-I/MC
AHP
MCP1640C-I/MC
AHQ
MCP1640CT-I/MC
AHQ
MCP1640D-I/MC
AHR
MCP1640DT-I/MC
AHR
AHM
340
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com