Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1711-33I/SX Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1711-33I/SX
Description  150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1711-33I/SX Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1711-33I/SX Datasheet HTML 17Page - Microchip Technology MCP1711-33I/SX Datasheet HTML 18Page - Microchip Technology MCP1711-33I/SX Datasheet HTML 19Page - Microchip Technology MCP1711-33I/SX Datasheet HTML 20Page - Microchip Technology MCP1711-33I/SX Datasheet HTML 21Page - Microchip Technology MCP1711-33I/SX Datasheet HTML 22Page - Microchip Technology MCP1711-33I/SX Datasheet HTML 23Page - Microchip Technology MCP1711-33I/SX Datasheet HTML 24Page - Microchip Technology MCP1711-33I/SX Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005415C-page 21
MCP1711
4.5
Shutdown Input (SHDN)
The MCP1711 internal circuitry can be shut down via
the signal from the SHDN pin. The SHDN input is an
active-low input signal that turns the LDO on and off.
The shutdown threshold is a fixed voltage level. The
minimum value of this shutdown threshold required to
turn the output on is 0.91V. The maximum value
required to turn the output off is 0.38V.
In Shutdown mode, the VOUT pin will be pulled down to
the ground level via, parallel to feedback resistors and
COUT discharge resistance RDCHG. In this state, the
application is protected from a glitch operation caused
by the electric charge at the output capacitor. More-
over, the discharge time of the output capacitor is set by
the COUT auto-discharge resistance (RDCHG) and the
output capacitor COUT. By setting the time constant of a
COUT auto-discharge resistance value (RDCHG) and the
output capacitor value (COUT) as  =COUT x RDCHG,
the output voltage after discharge via the internal
switch is calculated using Equation 4-1:
EQUATION 4-1:
4.6
Dropout Voltage
Dropout Voltage is defined as the input-to-output volt-
age differential at which the output voltage drops 2%
below the nominal value that was measured with a
VR + 1.0V differential applied. See Section 1.0 “Elec-
trical Characteristics”, for minimum and maximum
voltage specifications.
Note:
The RDCHG depends on VIN; when VIN is
high the RDCHG is low.
VOUT t

VOUT e
t
–

=
Where:
VOUT(t) = The output voltage during discharging
VOUT = The initial output voltage
t = Discharge time
 =COUT x RDCHG
or
t
ln
VOUT VOUT t


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com